Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYT670-J Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # LYT670-J
Description  TOPLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LYT670-J Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  LYT670-J Datasheet HTML 1Page - Siemens Semiconductor Group LYT670-J Datasheet HTML 2Page - Siemens Semiconductor Group LYT670-J Datasheet HTML 3Page - Siemens Semiconductor Group LYT670-J Datasheet HTML 4Page - Siemens Semiconductor Group LYT670-J Datasheet HTML 5Page - Siemens Semiconductor Group LYT670-J Datasheet HTML 6Page - Siemens Semiconductor Group LYT670-J Datasheet HTML 7Page - Siemens Semiconductor Group LYT670-J Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
30
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Sperrspanung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
P
tot
100
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-board*) (Padgröße
≥ 16 mm2)
mounted on PC board*) (pad size
≥ 16 mm2)
R
th JA
400
K/W
*) PC-board: FR4
LS T670, LO T670, LY T670
LG T670, LP T670


Similar Part No. - LYT670-J

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LYT670-J1K2 TO-GRACE-LYT670-J1K2 Datasheet
631Kb / 7P
   Standard SMD LED PLCC-2
LYT670-J1L2 TO-GRACE-LYT670-J1L2 Datasheet
631Kb / 7P
   Standard SMD LED PLCC-2
logo
OSRAM GmbH
LYT670-J1L2-26 OSRAM-LYT670-J1L2-26 Datasheet
443Kb / 19P
   Automotive Interior Lighting
logo
HK TO-GRACE TECHNOLOGY ...
LYT670-J2K2 TO-GRACE-LYT670-J2K2 Datasheet
631Kb / 7P
   Standard SMD LED PLCC-2
More results

Similar Description - LYT670-J

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
   TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
   TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
   TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
   TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
   TOPLED
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
   TOPLED
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
   TOPLED
LY-T68F-T2V2-35-1-Z OSRAM-LY-T68F-T2V2-35-1-Z Datasheet
482Kb / 22P
   TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com