Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LUB371 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part No. LUB371
Description  Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LUB371 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  LUB371 Datasheet HTML 1Page - Siemens Semiconductor Group LUB371 Datasheet HTML 2Page - Siemens Semiconductor Group LUB371 Datasheet HTML 3Page - Siemens Semiconductor Group LUB371 Datasheet HTML 4Page - Siemens Semiconductor Group LUB371 Datasheet HTML 5Page - Siemens Semiconductor Group LUB371 Datasheet HTML 6Page - Siemens Semiconductor Group LUB371 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
LU B371
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung: Mittlerer Lötspieß
Cathode mark:
Middle solder lead


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LRB480 Symbol LED 5 mm x 2.5 mm Partly Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LUH371 Symbol MULTILED 5 mm T1 3/4 Partly Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LRH380 Symbol LED 5 mm T1 3/4 LED Partly Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LUS250 SOT-23 MULTILED Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSG3331 3 mm T1 MULTILED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSG3351 3 mm T1 MULTILED Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSPP370 Plane MULTILED 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
TLSH510 Symbol LED 2.5 x 5 mm Flat Tinted Top-Diffused Package 1  2  3  4  5  More Vishay Siliconix
LU5351 5 mm T1 3/4 MULTILED Diffused 1  2  3  4  5  More Siemens Semiconductor Group
TLSV5100 Bicolor Symbol LED in 2.5 x 5 mm Untinted Top-Diffused Package 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn