Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LUB371 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. LUB371
Description  Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LUB371 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  LUB371 Datasheet HTML 1Page - Siemens Semiconductor Group LUB371 Datasheet HTML 2Page - Siemens Semiconductor Group LUB371 Datasheet HTML 3Page - Siemens Semiconductor Group LUB371 Datasheet HTML 4Page - Siemens Semiconductor Group LUB371 Datasheet HTML 5Page - Siemens Semiconductor Group LUB371 Datasheet HTML 6Page - Siemens Semiconductor Group LUB371 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
LU B371
Wellenlänge der Strahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 20 mA
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 10 mA
Dominantwellenlänge
λ
dom = f (TA)
Dominant wavelength
I
F = 20 mA
Relative Lichtstärke
I
V/IV(25
°C) = f (TA)
Relative luminous intensity
I
F = 10 mA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LRB480Symbol LED 5 mm x 2.5 mm Partly Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LUH371Symbol MULTILED 5 mm T1 3/4 Partly Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LRH380Symbol LED 5 mm T1 3/4 LED Partly Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LUS250SOT-23 MULTILED Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LSG33313 mm T1 MULTILED Non Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LSG33513 mm T1 MULTILED Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LSPP370Plane MULTILED 3 mm T1 LED Non Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
TLSH510Symbol LED 2.5 x 5 mm Flat Tinted Top-Diffused Package 1 2 3 4 5 MoreVishay Siliconix
LU53515 mm T1 3/4 MULTILED Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
TLSV5100Bicolor Symbol LED in 2.5 x 5 mm Untinted Top-Diffused Package 1 2 3 4 5 MoreVishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn