Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IX3120 Datasheet(PDF) 7 Page - Clare, Inc.

Part # IX3120
Description  2.5A Output Current Gate Driver Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IX3120 Datasheet(HTML) 7 Page - Clare, Inc.

Back Button IX3120 Datasheet HTML 3Page - Clare, Inc. IX3120 Datasheet HTML 4Page - Clare, Inc. IX3120 Datasheet HTML 5Page - Clare, Inc. IX3120 Datasheet HTML 6Page - Clare, Inc. IX3120 Datasheet HTML 7Page - Clare, Inc. IX3120 Datasheet HTML 8Page - Clare, Inc. IX3120 Datasheet HTML 9Page - Clare, Inc. IX3120 Datasheet HTML 10Page - Clare, Inc. IX3120 Datasheet HTML 11Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IX3120
R01
www.clare.com
7
Performance Data (Cont.)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
60
80
100
120
140
160
Propagation Delay vs. Temperature
(I
F=10mA, VCC=30V, VEE=0V, RG=10Ω)
(C
G=10nF, Duty Cycle=50%, f=10kHz)
t
PLH
t
PHL
I
F - Forward LED Current (mA)
012345
0
5
10
15
Transfer Characteristics
20
25
30
35
t
PHL
t
PLH
C
G (nF)
020
40
60
80
100
60
80
100
120
140
160
Propagation Delay vs. C
G
(I
F=10mA, VCC=30V, VEE=0V, RG=10Ω)
(Duty Cycle=50%, f=10kHz, T
A=25ºC)
t
PHL
t
PLH
I
F (mA)
6
8
10
12
14
16
60
80
100
120
140
160
Propagation Delay vs. I
F
(V
CC=30V, VEE=0V, RG=10Ω, CG=10nF)
(Duty Cycle=50%, f=10kHz, T
A=25ºC)


Similar Part No. - IX3120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
IX3120G IXYS-IX3120G Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
IX3120GE IXYS-IX3120GE Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
IX3120GES IXYS-IX3120GES Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
IX3120GESTR IXYS-IX3120GESTR Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
More results

Similar Description - IX3120

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
logo
CT Micro International ...
CTS700 CTMICRO-CTS700 Datasheet
1Mb / 17P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CT350 CTMICRO-CT350 Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CTW3120 CTMICRO-CTW3120 Datasheet
1Mb / 14P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
CT3120 CTMICRO-CT3120 Datasheet
1Mb / 15P
   2.5A MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
   0.6 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com