Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML1225G-X-T92-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ML1225G-X-T92-B
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ML1225G-X-T92-B Datasheet(HTML) 2 Page - Unisonic Technologies

  ML1225G-X-T92-B Datasheet HTML 1Page - Unisonic Technologies ML1225G-X-T92-B Datasheet HTML 2Page - Unisonic Technologies ML1225G-X-T92-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XL/ML1225
SCR
UNISONIC TECHNOLOGIES CO., LTD
2 of 3
www.unisonic.com.tw
QW-R301-003.F
ABSOLUATE MAXIUM RATINGS (Ta= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
XL1225
400
Repetitive Peak Off-State Voltage
(TJ =40 ~ 125°C, RGK =1kΩ )
ML1225
VDRM
300
V
On-State Current (Tc=40
°C)
IT(RMS)
0.8
A
Average On-State Current (Half Cycle=180,Tc=40°C)
IT(AV)
0.5
A
Peak Reverse Gate Voltage (IGR=10
μA)
VGRM
1
V
Peak Gate Current (10
μs Max.)
IGM
0.1
A
Gate Dissipation (20ms Max.)
PG(AV)
150
mW
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –20
°C ~85°C.
ELECTRICAL CHARACTERISTICS (Ta= 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Off State Leakage Current
IDRM
VDRM(RGK=1KΩ), TJ =125°C
0.1
mA
Off State Leakage Current
IDRM
VDRM(RGK=1KΩ), TJ =25°C
1.0
μA
AT IT=0.4A
1.4
On State Voltage
VT
AT IT=0.8A
2.2
V
On State Threshold Voltage
VT(TO)
TJ =125°C
0.95
V
On State Slops Resistance
Rt
TJ =125°C
600
m
Gate Trigger Current
IGT
VD=7V
200
μA
Gate Trigger Voltage
VGT
VD=7V
0.8
V
Holding Current
IH
RGK=1KΩ
5
mA
Latching Current
IL
RGK=1KΩ
6
mA
Critical Rate of Voltage Rise
DV/DT
VD=0.67*VDRM(RGK=1KΩ),TJ =125°C
V/
μs
Critical Rate of Current Rise
DV/DT
IG=10mA, dIG/dt=0.1A/μs,TJ =125°C
A/
μs
Gate Controlled Delay Time
TGD
IG=10mA, dIG/dt=0.1A/μs
2.2
μs
Commutated Turn-off Time
TG
TJ =85°C, VD=0.67*VDRM, VR=35V, IT=IT(AV)
200
μs
CLASSIFICATION OF IGT
RANK
B
C
AA
AB
AC
AD
RANGE
50-100
100-200
8-15
15-20
20-25
25-50


Similar Part No. - ML1225G-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ML1225 UTC-ML1225 Datasheet
15Kb / 2P
   The XL1225/ML1225 silicon controlled rectifiers
ML1225 UTC-ML1225 Datasheet
69Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
ML1225-T92-B UTC-ML1225-T92-B Datasheet
69Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
ML1225-T92-K UTC-ML1225-T92-K Datasheet
69Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
ML1225L-T92-B UTC-ML1225L-T92-B Datasheet
69Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results

Similar Description - ML1225G-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD882S UTC-2SD882S Datasheet
75Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772S UTC-2SB772S Datasheet
262Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS UTC-B772SS_09 Datasheet
185Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB1182 UTC-2SB1182 Datasheet
166Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS UTC-B772SS Datasheet
55Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
XL1225 UTC-XL1225 Datasheet
69Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772 UTC-2SB772 Datasheet
203Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SD882S UTC-2SD882S_09 Datasheet
149Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
UTC2SB772NL UTC-UTC2SB772NL Datasheet
58Kb / 2P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB1188 UTC-2SB1188 Datasheet
54Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com