Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1909J Datasheet(PDF) 7 Page - Clare, Inc.

Part # CPC1909J
Description  ISOPLUS??264 Power Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1909J Datasheet(HTML) 7 Page - Clare, Inc.

  CPC1909J Datasheet HTML 1Page - Clare, Inc. CPC1909J Datasheet HTML 2Page - Clare, Inc. CPC1909J Datasheet HTML 3Page - Clare, Inc. CPC1909J Datasheet HTML 4Page - Clare, Inc. CPC1909J Datasheet HTML 5Page - Clare, Inc. CPC1909J Datasheet HTML 6Page - Clare, Inc. CPC1909J Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PRELIMINARY
7
www.clare.com
R05
CPC1909
4.5 Mechanical Dimensions
NOTE: Back-side heat sink meets 2500V
rms isolation to the pins.
26.162 ± 0.254
(1.030 ± 0.010)
19.914 ± 0.254
(0.784 ± 0.010)
20.396 ± 0.508
(0.803 ± 0.020)
15.240 ± 0.508
(0.600 ± 0.020)
3.810 ± 0.254
(0.150 ± 0.010)
2.362 ± 0.381
(0.093 ± 0.015)
0.635 ± 0.076
(0.025 ± 0.003)
2.794 ± 0.127
(0.110 ± 0.005)
5.029 ± 0.127
(0.198 ± 0.005)
1.181 ± 0.076
(0.047 ± 0.003)
1.930 ± 0.381
(0.076 ± 0.015)
17.221 ± 0.254
(0.678 ± 0.010)
20.600 ± 0.254
(0.811 ± 0.010)
1.270 TYP
(0.050 TYP)
DIMENSIONS
mm
(inches)
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and
product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of Sale,
Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for
a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental
damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1909-R05
©Copyright 2010, Clare, Inc.
All rights reserved. Printed in USA.
11/17/2010


Similar Part No. - CPC1909J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1909J CLARE-CPC1909J Datasheet
141Kb / 6P
   ISOPLUS??264 Power Relay
logo
IXYS Corporation
CPC1909J IXYS-CPC1909J Datasheet
197Kb / 7P
   Machine Insertable, Wave Solderable
CPC1909J IXYS-CPC1909J Datasheet
196Kb / 3P
   Power Relay Branding
More results

Similar Description - CPC1909J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1927 CLARE-CPC1927 Datasheet
127Kb / 6P
   ISOPLUS??264 Power Relay
CPC1909 CLARE-CPC1909 Datasheet
141Kb / 6P
   ISOPLUS??264 Power Relay
CPC1988 CLARE-CPC1988 Datasheet
139Kb / 6P
   ISOPLUS??264 Power Relay
CPC1918 CLARE-CPC1918 Datasheet
139Kb / 6P
   ISOPLUS??264 Power Relay
CPC1918 CLARE-CPC1918_10 Datasheet
890Kb / 7P
   ISOPLUS??264 Power Relay
CPC1979 CLARE-CPC1979_11 Datasheet
921Kb / 7P
   ISOPLUS??264 Power Relay
CPC1988 CLARE-CPC1988_11 Datasheet
889Kb / 7P
   ISOPLUS??264 Power Relay
CPC1979 CLARE-CPC1979 Datasheet
140Kb / 6P
   ISOPLUS??264 Power Relay
CPC1927 CLARE-CPC1927_10 Datasheet
922Kb / 7P
   ISOPLUS??264 Power Relay
CPC1788 CLARE-CPC1788_10 Datasheet
926Kb / 7P
   ISOPLUS??264 DC Power Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com