Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1706 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1706
Description  4-Pin OptoMOS짰 DC Power SIP Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1706 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1706 Datasheet HTML 1Page - Clare, Inc. CPC1706 Datasheet HTML 2Page - Clare, Inc. CPC1706 Datasheet HTML 3Page - Clare, Inc. CPC1706 Datasheet HTML 4Page - Clare, Inc. CPC1706 Datasheet HTML 5Page - Clare, Inc. CPC1706 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1706-R02
1
RoHS
2002/95/EC
e3
Pb
CPC1706
Single-Pole, Normally Open
4-Pin OptoMOS® DC Power SIP Relay
Part #
Description
CPC1706Y
4-Pin (8-Pin Body) Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
4
A
DC
On-Resistance
0.09
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
Industrial Controls
Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
IC Equipment
Home Appliances
Handle Load Currents Up to 4A
DC
2500V
rms Input/Output Isolation
Power SIP Package
High Reliability
No Moving Parts
Low Drive Power Requirements (TTL/CMOS
Compatible)
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS®
technology, reliability, and compact size to a new family
of high power solid state relays. The CPC1706, a
DC-switching, normally open (1-Form-A) Solid State
Relay, is part of that family.
Employing optically coupled MOSFET technology,
the CPC1706 provides 2500V
rms of input to output
isolation. The efficient MOSFET switches and
photovoltaic die use Clare’s patented OptoMOS
architecture, while the highly efficient GaAlAs infrared
LED provides the optically coupled control.
The combination of low on-resistance and high load
current handling capability makes this relay suitable for
a variety of high performance switching applications.
Switching Characteristics of
Normally Open Devices
Approvals
UL 508 Certified Component: File E69938
CSA Certified Component: Certificate 1172007
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - CPC1706

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1706 IXYS-CPC1706 Datasheet
118Kb / 6P
   High Reliability
CPC1706Y IXYS-CPC1706Y Datasheet
118Kb / 6P
   High Reliability
More results

Similar Description - CPC1706

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1217 CLARE-CPC1217 Datasheet
109Kb / 5P
   4-Pin SIP OptoMOS짰 Relay
CPC1219 CLARE-CPC1219 Datasheet
112Kb / 5P
   4-Pin SIP OptoMOS짰 Relay
CPC1218 CLARE-CPC1218 Datasheet
101Kb / 5P
   4-Pin SIP OptoMOS짰 Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
   Power SIP OptoMOS짰 Relay
CPC1983 CLARE-CPC1983 Datasheet
114Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1916 CLARE-CPC1916_10 Datasheet
116Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1926 CLARE-CPC1926_10 Datasheet
117Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1981 CLARE-CPC1981_11 Datasheet
110Kb / 6P
   OptoMOS짰 Power SIP Relay
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com