Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYP380-P Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LYP380-P
Description  Plane 3 mm (T1) LED, Non Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LYP380-P Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LYP380-P Datasheet HTML 1Page - Siemens Semiconductor Group LYP380-P Datasheet HTML 2Page - Siemens Semiconductor Group LYP380-P Datasheet HTML 3Page - Siemens Semiconductor Group LYP380-P Datasheet HTML 4Page - Siemens Semiconductor Group LYP380-P Datasheet HTML 5Page - Siemens Semiconductor Group LYP380-P Datasheet HTML 6Page - Siemens Semiconductor Group LYP380-P Datasheet HTML 7Page - Siemens Semiconductor Group LYP380-P Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
1998-07-13
LS P380, LO P380, LY P380
LG P380, LP P380
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LO
LY
LG
LP
Wellenlänge des emittierten Lichtes (typ.)
Wavelength at peak emission
(typ.)
I
F = 20 mA
λ
peak
635
610
586
565
557
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 20 mA
λ
dom
628
605
590
570
560
nm
Spektrale Bandbreite bei 50 %
Φ
rel max (typ.)
spectral bandwidth at 50 %
Φ
rel max
(typ.)
I
F = 20 mA
∆λ
45
40
45
25
22
nm
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 15 mA
V
F
V
F
2.1
2.6
2.1
2.6
2.1
2.6
2.1
2.6
2.1
2.6
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Kapazität
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
0
12
8
101532pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %
(typ.)
I
V from 90 % to 10 %
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50 Ω
t
r
t
r
300
150
300
150
300
150
450
200
450
200
ns
ns


Similar Part No. - LYP380-P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYP476 OSRAM-LYP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
LYP476 OSRAM-LYP476 Datasheet
558Kb / 21P
   Coupling into Light Guides
LYP476-Q2S1-26 OSRAM-LYP476-Q2S1-26 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
LYP476-Q2T1-26 OSRAM-LYP476-Q2T1-26 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
LYP476-Q2T1-26 OSRAM-LYP476-Q2T1-26 Datasheet
558Kb / 21P
   Coupling into Light Guides
More results

Similar Description - LYP380-P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
   Plane MULTILED 3 mm T1 LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
   3 mm (T1) MULTILED, Non Diffused
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com