Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGM670-HK Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LGM670-HK
Description  Mini TOPLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LGM670-HK Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LGM670-HK Datasheet HTML 1Page - Siemens Semiconductor Group LGM670-HK Datasheet HTML 2Page - Siemens Semiconductor Group LGM670-HK Datasheet HTML 3Page - Siemens Semiconductor Group LGM670-HK Datasheet HTML 4Page - Siemens Semiconductor Group LGM670-HK Datasheet HTML 5Page - Siemens Semiconductor Group LGM670-HK Datasheet HTML 6Page - Siemens Semiconductor Group LGM670-HK Datasheet HTML 7Page - Siemens Semiconductor Group LGM670-HK Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor Group
5
1998-11-12
Relative spektrale Emission I
rel = f (λ), TA = 25 ˚C, IF = 10 mA
Relative spectral emission
V(
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic
rel
λ
OHL01698
Vλ
100
400
450
500
550
600
650
700
nm
Ι
80
60
40
20
0
%
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚
LS M670, LO M670, LY M670
LG M670, LP M670


Similar Part No. - LGM670-HK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGM670-J2M1-1 OSRAM-LGM670-J2M1-1 Datasheet
478Kb / 19P
   Automotive Interior Lighting
LGM670-J2M1-1 OSRAM-LGM670-J2M1-1 Datasheet
1Mb / 21P
   Cluster, Button Backlighting
More results

Similar Description - LGM670-HK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
   Mini TOPLED
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
   Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
   Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
   Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
   Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
   Mini TOPLED
LSM67F OSRAM-LSM67F Datasheet
536Kb / 21P
   Mini TOPLED
LSM670 OSRAM-LSM670 Datasheet
478Kb / 19P
   Mini TOPLED
LAM676 OSRAM-LAM676_18 Datasheet
1Mb / 21P
   Mini TOPLED
LAM67F OSRAM-LAM67F_18 Datasheet
1Mb / 22P
   Mini TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com