Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L400-MC1L1-A-T Datasheet(PDF) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L400-MC1L1-A-T
Description  LED lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L400-MC1L1-A-T Datasheet(HTML) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L400-MC1L1-A-T Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
6. Reliability
(1) Details of the tests
Continuous Operation Test
(2) Judgment Criteria of Failure for Reliability Test
(Ta=25 C)
Symbol
VF
Φv
U defines the upper limit of the specified characteristics. S defines the initial value.
CITIZEN ELECTRONICS CO., LTD. JAPAN
> U × 1.2
Name
CL-L400-MC1L1-A
Note: Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
Low Temperature Storage Test
Solder Heat Resistance Test
Measuring Item
IF=350mA
Thermal Shock Test
-40 C × 30 minutes – 100 C × 30 minutes, 100 cycle
High Temperature Storage Test
Forward Voltage
DATA SHEET
Test Item
Test Condition
Ta=25 C, IF=350 mA× 1000 hours
Ta=-40 C × 1000 hours
Moisture-proof Test
Ta=60 C, 90 %RH for 1000 hours
 Recommended temperature profile (reflow soldering) × 2,
Ta=100 C × 1000 hours
  (2nd test must be started after the samples are stabilized thermally.)
Measuring Condition
Judgment Criteria for Failure
IF=350mA
Total Luminous Flux
< S × 0.7
returned to the normal ambient conditions after the completion of each test.
Symbol
CITILED
Ref.CE-P1158 05/11


Similar Part No. - CL-L400-MC1L1-A-T

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L400-MC1L1-B CITIZEN-CL-L400-MC1L1-B Datasheet
1Mb / 13P
   Internal Structure:Lead frame
More results

Similar Description - CL-L400-MC1L1-A-T

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com