Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYM670-HK Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LYM670-HK
Description  Mini TOPLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LYM670-HK Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LYM670-HK Datasheet HTML 1Page - Siemens Semiconductor Group LYM670-HK Datasheet HTML 2Page - Siemens Semiconductor Group LYM670-HK Datasheet HTML 3Page - Siemens Semiconductor Group LYM670-HK Datasheet HTML 4Page - Siemens Semiconductor Group LYM670-HK Datasheet HTML 5Page - Siemens Semiconductor Group LYM670-HK Datasheet HTML 6Page - Siemens Semiconductor Group LYM670-HK Datasheet HTML 7Page - Siemens Semiconductor Group LYM670-HK Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
1998-11-12
Kennwerte (
T
A = 25 ˚C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LO
LY
LG
LP
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 10 mA
λ
peak
635
610
586
565
557
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 10 mA
λ
dom
628
605
590
570
560
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
(typ.)
I
F = 10 mA
λ
45
40
45
25
22
nm
Abstrahlwinkel bei 50 %
I
v (Vollwinkel)
Viewing angle at 50 %
I
v
2
ϕ
120
120
120
120
120
Grad
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 10 mA
V
F
V
F
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Kapazität
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
0
12
8
101515pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %
(typ.)
I
V from 90 % to 10 %
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50 Ω
t
r
t
f
300
150
300
150
300
150
450
200
450
200
ns
ns
LS M670, LO M670, LY M670
LG M670, LP M670


Similar Part No. - LYM670-HK

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LYM670 TO-GRACE-LYM670 Datasheet
1Mb / 12P
   Standard Mini SMD LED
More results

Similar Description - LYM670-HK

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
   Mini TOPLED
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
   Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
   Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
   Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
   Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
   Mini TOPLED
LSM67F OSRAM-LSM67F Datasheet
536Kb / 21P
   Mini TOPLED
LSM670 OSRAM-LSM670 Datasheet
478Kb / 19P
   Mini TOPLED
LAM676 OSRAM-LAM676_18 Datasheet
1Mb / 21P
   Mini TOPLED
LAM67F OSRAM-LAM67F_18 Datasheet
1Mb / 22P
   Mini TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com