Electronic Components Datasheet Search |
|
CL-L270-2MU1W2-A1 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD. |
|
CL-L270-2MU1W2-A1 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD. |
3 / 12 page Chromaticity coordinates (Condition : IF=60mA , Ts=25C) Ranking(Condition:IF=60mA, Ts=25C) Note 1) The tolerance of forward voltage(VF) measurement is VF±3% at our tester Note 2) The tolerance of luminous Intensity(IV) measurement is ±10% at our tester Note 3) The tolerance of Chromaticity coordinates (x,y)measurement is ±0.01 at our tester Measurement Conditions 1) Chip is mounted on board( size 100mm×40mm) 2) Board material is FR-4, covered with green color resist and thickness of copper is 18µm. 3.30 Symbol D 19.0 Name CITILED CL-L270-2MU1W1-A1 13.1 C 16.0 Min. S 3.10 Luminous Flux φV B Parameter Symbol Rank Q R Forward Voltage VF Unit DATA SHEET Max. 3 / 11 16.0 2.90 lm 19.0 21.9 V CITIZEN ELECTRONICS CO.,LTD. JAPAN 2.90 3.10 2.70 Reference (ANSI C78.377) x y x y 0.3818 0.3797 Center 0.3818 0.3797 (3985K) a 0.4006 0.4044 a 0.00939 b 0.3736 0.3874 b 0.00402 c 0.3670 0.3578 θ° 54.00 d 0.3898 0.3716 *Color region stay within MacAdam "3-step" ellipse from the chromaticity center. *The chromaticity center refers to ANSI C78.377:2008. Please refer to ANSI C78.377 for the chromaticity center. *θ is the angle between the major axis of the ellipse and the x-axis, and a and b are the major and minor semi-axes of an ellipse. (Ref. IEC 60081:1997 AnnexD) W1 Color rank Color rank W1 Center Oval parameter x-ychart-CIE1931 0.35 0.36 0.37 0.38 0.39 0.40 0.41 0.36 0.37 0.38 0.39 0.40 0.41 x Color region Color region (ANSI) B.B. Locus 3800K 4400K 4000K 3600K 4200K Ref.CE-P1404 08/11 |
Similar Part No. - CL-L270-2MU1W2-A1 |
|
Similar Description - CL-L270-2MU1W2-A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |