Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LSPP370 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LSPP370
Description  Plane MULTILED 3 mm T1 LED, Non Diffused
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSPP370 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LSPP370 Datasheet HTML 1Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 2Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 3Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 4Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 5Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 6Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 7Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 8Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
0
11.96
Features
q
colorless, clear package
q
for optical coupling into light pipes
q
for use as optical indicator
q
antiparallel chips
q
high signal efficiency possible by color change of the LED
q
with appropriate controlling by IC (e.g. SDA 2231) it is possible to change color from green to
yellow and orange (resp. to super-red)
q
solder leads with stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839
Plane MULTILED®
3 mm (T1) LED, Non Diffused
LSP P370, LOP P370
Besondere Merkmale
q
farbloses, klares Gehäuse
q
zur Einkopplung in Lichtleiter
q
als optischer Indikator einsetzbar
q
antiparallel geschaltete Leuchtdiodenchips
q
hohe Signalwirkung durch Farbwechsel der LED möglich
q
bei geeigneter Ansteuerung mit IC (z.B. SDA 2231),
Farbwechsel von grün über gelb bis orange (bzw. bis
super-rot) möglich
q
Lötspieße mit Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839


Similar Part No. - LSPP370

ManufacturerPart #DatasheetDescription
Festo Corporation.
Festo Corporation.
LSP-1/4-C FESTO-LSP-1/4-C Datasheet
77Kb / 1P
   Low consumption air gun
LSP-1/4-D FESTO-LSP-1/4-D Datasheet
80Kb / 1P
   Low consumption air gun
OSRAM GmbH
OSRAM GmbH
LSP-T670 OSRAM-LSP-T670 Datasheet
563Kb / 15P
   white P-LCC-4 package, colorless clear resin
Zhaoxingwei Electronics ., Ltd
Zhaoxingwei Electronics...
LSP01 ZHAOXINGWEI-LSP01 Datasheet
103Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
Littelfuse
Littelfuse
LSP05 LITTELFUSE-LSP05 Datasheet
483Kb / 3P
   The Littelfuse LSP05 thermally protected Surge Protective
More results

Similar Description - LSPP370

ManufacturerPart #DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
   3 mm (T1) MULTILED, Non Diffused
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
   3 mm (T1) MULTILED, Diffused
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
   5 mm (T1 3/4) MULTILED , Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
OSRAM GmbH
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
Siemens Semiconductor Group
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LUH371 SIEMENS-LUH371 Datasheet
331Kb / 7P
   Symbol MULTILED 5 mm T1 3/4, Partly Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com