Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LSPP370 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. LSPP370
Description  Plane MULTILED 3 mm T1 LED, Non Diffused
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSPP370 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  LSPP370 Datasheet HTML 1Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 2Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 3Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 4Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 5Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 6Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 7Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 8Page - Siemens Semiconductor Group LSPP370 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
5
LSP P370, LOP P370
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 ˚C
LS, LO
Relativer Lichtstrom
Φ
V / ΦV(15 mA) = f (IF)
Relative luminous flux
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 ˚C
LP


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LSP380 Plane 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
TLW.8600 clear non diffused LED 1  2  3  4  5  More Texas Instruments
LSG3331 3 mm T1 MULTILED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSGK370 Multi ARGUS LED 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LW3333 Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED 1  2  3  4  5  More OSRAM GmbH
LSGK372 Super Multi ARGUS LED High-Current 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSK376 Hyper ARGUS LED Hyper-Bright 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LS3336 Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED 1  2  3  4  5  More Siemens Semiconductor Group
LSK380 ARGUS LED 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LS3340 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn