Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L234-MC18N1-C1 Datasheet(PDF) 4 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L234-MC18N1-C1
Description  LED lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L234-MC18N1-C1 Datasheet(HTML) 4 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-L234-MC18N1-C1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-L234-MC18N1-C1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L234-MC18N1-C1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L234-MC18N1-C1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L234-MC18N1-C1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L234-MC18N1-C1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L234-MC18N1-C1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L234-MC18N1-C1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L234-MC18N1-C1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
5. Characteristics
Forward Current vs. Forward Voltage
Forward Current vs. Relative Luminous Flux
Forward Current vs. Chromaticity Coordinate
Case Temperature vs. Chromaticity Coordinate
Symbol
DATA SHEET
CITILED
Name
CL-L234A-MC18N1-C1
CITIZEN ELECTRONICS CO.,LTD. JAPAN
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0 100 200 300 400 500 600 700 800
IF [mA]
∆x
∆y
0%
20%
40%
60%
80%
100%
120%
140%
0 100 200 300 400 500 600 700 800
IF [mA]
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
0 100 200 300 400 500 600 700 800
IF [mA]
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
20
40
60
80 100
Tc [C]
∆x
∆y
IF=480mA
Tc=25C
Tc=25C
Tc=25C
Ref.CE-P1370
07/11


Similar Part No. - CL-L234-MC18N1-C1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L234A-C18N1-C CITIZEN-CL-L234A-C18N1-C Datasheet
275Kb / 10P
   LED lamp
CL-L234A-MC18L1-C CITIZEN-CL-L234A-MC18L1-C Datasheet
302Kb / 10P
   LED lamp
CL-L234A-MC18L2-C CITIZEN-CL-L234A-MC18L2-C Datasheet
280Kb / 10P
   LED lamp
CL-L234A-MC18W1-C CITIZEN-CL-L234A-MC18W1-C Datasheet
281Kb / 10P
   LED lamp
More results

Similar Description - CL-L234-MC18N1-C1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com