Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-824-MU1WW1-T Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-824-MU1WW1-T
Description  LED lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-824-MU1WW1-T Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-824-MU1WW1-T_11 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1WW1-T_11 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1WW1-T_11 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1WW1-T_11 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1WW1-T_11 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1WW1-T_11 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1WW1-T_11 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1WW1-T_11 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1WW1-T_11 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
( 2 ) Electro-optical Characteristics
T
=25C
Symbol
Min. Typ. Max.
Unit
VF
2.8
3.2
3.5
V
IR
-
-
100
µA
Rj-s*2
-
175
-
C/W
Iv
1140 1670
-
mcd
φV
-
(4.7)
-
lm
Ra
80
85
-
-
*1 In accordance with NIST standard
*2 Thermal Resistance : Junction - Solder terminal (Anode)
*1 The tolerance of measurement at our tester is VF±3% , φv±10% , Chromaticity(x,y)±0.01.
*2 For handling ,please apply CMOS LSI or equivalent any electrostatic effect.
Measurement Conditions
1) Chip is mounted on board( size 100mm×40mm)
2) Board material is FR-4, covered with green color resist and thickness of copper is 18µm.
Symbol
Parameter
Forward Voltage
Reverse Current
Luminous Flux
Thermal Resistance
Junction-solder
IF=20mA
IF=20mA
IF=20mA
CITILED
Name
CL-824-MU1WW1
DATA SHEET
Condition
IF=20mA
VR=5V
General Color Rendering Index
 
Luminous Intensity*1
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Ranking (Condition : IF=20mA , Ts=25C)
0
0
Symbol Rank
Min.
Max.
Unit
Q
2.8
3.0
R
3.0
3.2
S
3.2
3.5
B
1140
1300
C
1300
1759
D
1759
2380
Chromaticity coordinates ( Condition : IF=20mA ,Ts=25C)
x
y
x
y
0.415
0.409
0.430
0.417
0.400
0.402
0.415
0.409
0.394
0.385
0.408
0.392
0.408
0.392
0.422
0.399
0.415
0.409
0.430
0.417
x
y
x
y
0.408
0.392
0.422
0.399
0.394
0.385
0.408
0.392
0.389
0.369
0.402
0.375
0.402
0.375
0.415
0.381
Color Rank
Color Rank
mcd
VF
Luminous Intensity
Parameter
Iv
V
Forward Voltage
WW1c
WW1d
WW1b
WW1a
Color Rank
Color Rank
Ref.CE-P1042
04/11


Similar Part No. - CL-824-MU1WW1-T_11

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-824-MU1WW1-T CITIZEN-CL-824-MU1WW1-T Datasheet
367Kb / 11P
   LED lamp
CL-824-MU1WW1-T CITIZEN-CL-824-MU1WW1-T Datasheet
342Kb / 11P
   LED lamp
More results

Similar Description - CL-824-MU1WW1-T_11

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com