Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123J Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTA123J
Description  DIGITAL TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA123J Datasheet(HTML) 2 Page - Unisonic Technologies

  DTA123J_11 Datasheet HTML 1Page - Unisonic Technologies DTA123J_11 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DTA123J
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R206-075.Ca
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
Input Voltage
VIN
-12 ~ +5
V
Output Current
IO
-100
mA
IC(MAX)
-100
Power Dissipation
SOT-23/ SOT-323
PD
200
mW
SOT-523
150
TO-92
625
TO-92SP
550
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Input Voltage
VI (OFF)
VCC=-5V, IO=-100μA
-0.5
V
VI (ON)
VO=-0.3V, IO=-5mA
-1.1
Output Voltage
VO(ON)
IO/II =-5mA/-0.25mA
-0.1
-0.3
V
Input Current
II
VI =-5V
-3.6
mA
Output Current
IO(OFF)
VCC=-50V, VI =0V
-0.5
μA
DC Current Gain
GI
VO=-5V, IO=-10mA
80
Input Resistance
R1
1.54
2.2
2.86
KΩ
Resistance Ratio
R2/R1
17
21
26
Transition Frequency
fT
VCE =-10V, IE=−5mA, f=100MHz (Note)
250
MHz
Note: Transition frequency of the device
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - DTA123J_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTA123J SECOS-DTA123J_15 Datasheet
1,000Kb / 2P
   PNP Digital Transistors
logo
Unisonic Technologies
DTA123J UTC-DTA123J_15 Datasheet
229Kb / 4P
   DIGITAL TRANSISTORS
More results

Similar Description - DTA123J_11

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Unisonic Technologies
DTA114T UTC-DTA114T_15 Datasheet
175Kb / 3P
   DIGITAL TRANSISTORS
DTA115T UTC-DTA115T_15 Datasheet
167Kb / 3P
   DIGITAL TRANSISTORS
DTB123Y UTC-DTB123Y_15 Datasheet
211Kb / 3P
   DIGITAL TRANSISTORS
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
   Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
DTC123JUA MCC-DTC123JUA_13 Datasheet
251Kb / 3P
   Digital Transistors
logo
Guangdong Kexin Industr...
DTA124EUA KEXIN-DTA124EUA Datasheet
97Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_13 Datasheet
238Kb / 3P
   Digital Transistors
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
   Digital Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com