Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGA679 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LGA679
Description  LC SIDELED Low Current LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LGA679 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LGA679 Datasheet HTML 1Page - Siemens Semiconductor Group LGA679 Datasheet HTML 2Page - Siemens Semiconductor Group LGA679 Datasheet HTML 3Page - Siemens Semiconductor Group LGA679 Datasheet HTML 4Page - Siemens Semiconductor Group LGA679 Datasheet HTML 5Page - Siemens Semiconductor Group LGA679 Datasheet HTML 6Page - Siemens Semiconductor Group LGA679 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
1998-11-12
LS A679, LY A679, LG A679
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
7.5
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.15
A
Sperrspannung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
P
tot
20
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-Board (Padgröße
≥ 16 mm 2)
mounted on PC board (pad size
≥ 16 mm 2)
R
th JA
500
K/W


Similar Part No. - LGA679

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGA670 SIEMENS-LGA670 Datasheet
61Kb / 8P
   SIDELED
logo
OSRAM GmbH
LGA670 OSRAM-LGA670 Datasheet
428Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
LGA670-HK SIEMENS-LGA670-HK Datasheet
61Kb / 8P
   SIDELED
LGA670-J SIEMENS-LGA670-J Datasheet
61Kb / 8P
   SIDELED
LGA670-JM SIEMENS-LGA670-JM Datasheet
61Kb / 8P
   SIDELED
More results

Similar Description - LGA679

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA672 SIEMENS-LSA672 Datasheet
172Kb / 8P
   Super SIDELED High-Current LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
LSS269 SIEMENS-LSS269 Datasheet
65Kb / 7P
   LC SOT-23 LED, Diffused Low Current LED
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
   LC Mini TOPLED RG Low Current LED
LS3369 SIEMENS-LS3369 Datasheet
126Kb / 7P
   LC 3 mm T1 LED, Diffused Low Current LED
logo
OSRAM GmbH
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
   Hyper SIDELED Hyper-Bright LED
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
   SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
   SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
   SIDELED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com