Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6807XIRTR Datasheet(PDF) 11 Page - Champion Microelectronic Corp.

Part # CM6807XIRTR
Description  10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6807XIRTR Datasheet(HTML) 11 Page - Champion Microelectronic Corp.

Back Button CM6807XIRTR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6807XIRTR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6807XIRTR Datasheet HTML 9Page - Champion Microelectronic Corp. CM6807XIRTR Datasheet HTML 10Page - Champion Microelectronic Corp. CM6807XIRTR Datasheet HTML 11Page - Champion Microelectronic Corp. CM6807XIRTR Datasheet HTML 12Page - Champion Microelectronic Corp. CM6807XIRTR Datasheet HTML 13Page - Champion Microelectronic Corp. CM6807XIRTR Datasheet HTML 14Page - Champion Microelectronic Corp. CM6807XIRTR Datasheet HTML 15Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CM6807
10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
2010/04/20 Rev1.0
Champion Microelectronic Corporation
Page 11
The ISENSE Filter is a RC filter. The resistor value of the
ISENSE Filter is between 100 ohm and 50 ohm. By selecting
RFILTER equal to 50 ohm will keep the offset of the IEAO less
than 5mV. Usually, we design the pole of ISENSE Filter at
fpfc/6, one sixth of the PFC switching frequency. Therefore,
the boost inductor can be reduced 6 times without
disturbing the stability. Therefore, the capacitor of the ISENSE
Filter, CFILTER, will be around 283nF.
IAC, RAC, Automatic Slope Compensation, DCM at high line
and light load, and Startup current
There are 4 purposes for IAC pin:
1.) For the leading edge modulation, when the duty
cycle is less than 50%, it requires the similar slope
compensation, as the duty cycle of the trailing
edge modulation is greater than 50%.
In the
CM6807, it is a relatively easy thing to design. Use
an more than 2KK ohm resistor, RAC to connect
IAC pin and the rectified line voltage. It will do the
automatic slope compensation. If the input boost
inductor is too small, the RAC may need to be
reduced more.
2.) During the startup period, Rac also provides the
initial startup current, 100uA;therefore, the bleed
resistor is not needed.
3.) Since IAC pin with RAC behaves as a feedforward
signal, it also enhances the signal to noise ratio
and the THD of the input current.
4.) It also will try to keep the maximum input power to
be constant. However, the maximum input power
will still go up when the input line voltage goes up.
Start Up of the system, UVLO, VREFOK and Soft Start
During the Start-up period, RAC resistor will provide the start
up current~100uA from the rectified line voltage to IAC pin.
Inside of CM6807 during the start-up period, IAC is
connected to VCC until the VCC reaches UVLO voltage
which is 13V (UVB) and internal reference voltage is stable,
it will disconnect itself from VCC. During the Start up, the
soft start function is triggered and the duration of the soft
start will last around 10mS.
PFC section wakes up after Start up period
After Start up period, PFC section will softly start since
VEAO is zero before the start-up period. Since VEAO is a
slew rate enhanced transconductance amplifier (see figure
3), VEAO has a high impedance output like a current
source and it will slowly charge the compensation net work
which needs to be designed by using the voltage loop gain
equation.
Before PFC boost output reaches its design voltage, it is
around 380V and VFB reaches 2.5V, PWM section is off.
PWM section wakes up after PFC reaches steady state
PWM section is off all the time before PFC VFB reaches
2.45V. Then internal 10mS digital PWM soft start circuit
slowly ramps up the soft-start voltage.
PFC OVP Comparator
PFC OVP Comparator sense VFB pin which is the same the
voltage loop input. The good thing is the compensation
network is connected to VEAO. The PFC OVP function is a
relative fast OVP. It is not like the conventional error amplifier
which is an operational amplifier and it requires a local
feedback and it make the OVP action becomes very slow.
The threshold of the PFC OVP is 2.5V+10% =2.75V with
250mV hysteresis.
PFC Tri-Fault Detect Comparator
To improve power supply reliability, reduce system
component count, and simplify compliance to UL1950 safety
standards, the CM6807 includes PFC Tri-Fault Detect. This
feature monitors VFB (Pin 5) for certain PFC fault conditions.
In case of a feedback path failure, the output of the PFC
could go out of safe operating limits. With such a failure, VFB
will go outside of its normal operating area. Should VFB go
too low, too high, or open, PFC Tri-Fault Detect senses the
error and terminates the PFC output drive.
PFC Tri-Fault detect is an entirely internal circuit. It requires
no external components to serve its protective function.
VCC OVP and generate VCC
For the CM6807 system, if VCC is generated from a source
that is proportional to the PFC output voltage and once that
source reaches 17.9V, PFCOUT, PFC driver will be off.
The VCC OVP resets once the VCC discharges below
16.4V, PFC output driver is enabled. It serves as redundant
PFC OVP function.
Typically, there is a bootstrap winding off the boost inductor.
The VCC OVP comparator senses when this voltage
exceeds 17.9V, and terminates the PFC output drive. Once
the VCC rail has decreased to below 16.4V the PFC output
drive be enabled. Given that 16V on VCC corresponds to
380V on the PFC output, 17.9V on VCC corresponds to an
OVP level of 460V.
It is a necessary to put RC filter between bootstrap winding
and VCC. For VCC=15V, it is sufficient to drive either a
power MOSFET or a IGBT.


Similar Part No. - CM6807XIRTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6807 CHAMP-CM6807 Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807AGR CHAMP-CM6807AGR Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807AR CHAMP-CM6807AR Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807BGR CHAMP-CM6807BGR Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807BR CHAMP-CM6807BR Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
More results

Similar Description - CM6807XIRTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805 CHAMP-CM6805 Datasheet
438Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807 Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6805BO CHAMP-CM6805BO Datasheet
255Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BO CHAMP-CM6805BO_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
logo
Fairchild Semiconductor
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com