Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3340-K Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # LP3340-K
Description  3 mm (T1) LED, Non Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LP3340-K Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  LP3340-K Datasheet HTML 1Page - Siemens Semiconductor Group LP3340-K Datasheet HTML 2Page - Siemens Semiconductor Group LP3340-K Datasheet HTML 3Page - Siemens Semiconductor Group LP3340-K Datasheet HTML 4Page - Siemens Semiconductor Group LP3340-K Datasheet HTML 5Page - Siemens Semiconductor Group LP3340-K Datasheet HTML 6Page - Siemens Semiconductor Group LP3340-K Datasheet HTML 7Page - Siemens Semiconductor Group LP3340-K Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Semiconductor Group
8
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung:
Kürzerer Lötspieß
Cathode mark:
Short solder lead
LS 3340, LO 3340, LY 3340
LG 3330, LP 3340
Relative Lichtstärke
I
V/IV(25
°C) = f (TA)
Relative luminous intensity
I
F = 10 mA


Similar Part No. - LP3340-K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LP3341-JM SIEMENS-LP3341-JM Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LP3341-K SIEMENS-LP3341-K Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LP3341-KN SIEMENS-LP3341-KN Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LP3341-L SIEMENS-LP3341-L Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LP3341-M SIEMENS-LP3341-M Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
More results

Similar Description - LP3340-K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
   Plane MULTILED 3 mm T1 LED, Non Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
   3 mm (T1) MULTILED, Non Diffused
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com