Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6802A Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM6802A
Description  EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802A Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM6802A_12 Datasheet HTML 1Page - Champion Microelectronic Corp. CM6802A_12 Datasheet HTML 2Page - Champion Microelectronic Corp. CM6802A_12 Datasheet HTML 3Page - Champion Microelectronic Corp. CM6802A_12 Datasheet HTML 4Page - Champion Microelectronic Corp. CM6802A_12 Datasheet HTML 5Page - Champion Microelectronic Corp. CM6802A_12 Datasheet HTML 6Page - Champion Microelectronic Corp. CM6802A_12 Datasheet HTML 7Page - Champion Microelectronic Corp. CM6802A_12 Datasheet HTML 8Page - Champion Microelectronic Corp. CM6802A_12 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CM6802A/B/AH/BH (Dynamic Soft PFC/Green PWM)
http://www.championmicro.com.tw
EPA/80++ ZVS-Like PFC/PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2012/05/10 Rev. 1.5
Champion Microelectronic Corporation
3
6
VDC
DC to DC PWM voltage feedback input.
0
10
V
7
RAMP 1
(RTCT)
Oscillator timing node; timing set by RT and CT
0.8
4
V
8
RAMP 2
(PWM RAMP)
In current mode, this pin functions as the current sense
input; when in voltage mode, it is the feed-forward sense
input from PFC output 380V (feed forward ramp).
0
VDCmax-1.8
V
9
DC ILIMIT
PWM current limit comparator input
0
1
V
10
GND
Ground
11
PWM OUT
PWM driver output
0
VCC
V
12
PFC OUT
PFC driver output
0
VCC
V
13
VCC
Positive supply for CM6802A/B/AH/BH
10
15
18
V
14
VREF
Maximum 4mA buffered output for the internal 7.5V
reference when VCC=14V
7.5
V
15
VFB
PFC transconductance voltage error amplifier input
0
2.5
3
V
16
VEAO
PFC transconductance voltage error amplifier output
(GmV)
0
6
V
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM6802A/B/AH/BHGIP*
-40℃ to 125℃
16-Pin PDIP (P16)
CM6802A/B/AH/BHGIS*
-40℃ to 125℃
16-Pin Narrow SOP (S16)
CM6802A/B/AH/BHGISTR*
-40℃ to 125℃
16-Pin Narrow SOP (S16)
CM6802A/B/AH/BHXIP*
-40℃ to 125℃
16-Pin PDIP (P16)
CM6802A/B/AH/BHXIS*
-40℃ to 125℃
16-Pin Narrow SOP (S16)
CM6802A/B/AH/BHXISTR*
-40℃ to 125℃
16-Pin Narrow SOP (S16)
*Note: G : Suffix for Pb Free Product
TR : Package is Typing Reel
X : Suffix for Halogen Free Product


Similar Part No. - CM6802A_12

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802AGIP CHAMP-CM6802AGIP Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AGIS CHAMP-CM6802AGIS Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AGISTR CHAMP-CM6802AGISTR Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AH CHAMP-CM6802AH Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AHGIP CHAMP-CM6802AHGIP Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
More results

Similar Description - CM6802A_12

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802SAH CHAMP-CM6802SAH Datasheet
827Kb / 25P
   EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
   EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com