Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LSG3351 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. LSG3351
Description  3 mm (T1) MULTILED, Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSG3351 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LSG3351 Datasheet HTML 1Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 2Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 3Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 4Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 5Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 6Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
LSG 3351
Relative spektrale Emission
I
rel = f (
λ), T
A = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LUS250 SOT-23 MULTILED Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSG3331 3 mm T1 MULTILED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSPP370 Plane MULTILED 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LU5351 5 mm T1 3/4 MULTILED Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LUB371 Symbol MULTILED 2.5 mm x 5 mm Partly Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LUH371 Symbol MULTILED 5 mm T1 3/4 Partly Diffused 1  2  3  4  5  More Siemens Semiconductor Group
BU1506DX Silicon Diffused Power Transistor 1  2  3  4  5  More NXP Semiconductors
BU2508AW Silicon Diffused Power Transistor 1  2  3  4  5  More NXP Semiconductors
BU2520DW Silicon Diffused Power Transistor 1  2  3  4  5  More NXP Semiconductors
BU2525DF Silicon Diffused Power Transistor 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn