Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LSG3351 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. LSG3351
Description  3 mm (T1) MULTILED, Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSG3351 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LSG3351 Datasheet HTML 1Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 2Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 3Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 4Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 5Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 6Page - Siemens Semiconductor Group LSG3351 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
LSG 3351
Grenzwerte1)
Maximum Ratings1)
1)
Die angegebenen Grenzdaten gelten für den Chip, für den sie angegeben sind, unabhängig vom
Betriebzustand des anderen.
1)
The stated maximum ratings refer to the specified chip regardless of the other one’s operating status.
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
–55…+100
˚C
Lagertemperatur
Storage temperature range
T
stg
–55…+100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
40
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Verlustleistung
Power dissipation
T
A ≤ 25 ˚C
P
tot
140
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Luft
Junction / air
R
th JA
400
K/W


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LUS250 SOT-23 MULTILED Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSG3331 3 mm T1 MULTILED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSPP370 Plane MULTILED 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LU5351 5 mm T1 3/4 MULTILED Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LUB371 Symbol MULTILED 2.5 mm x 5 mm Partly Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LUH371 Symbol MULTILED 5 mm T1 3/4 Partly Diffused 1  2  3  4  5  More Siemens Semiconductor Group
BU1506DX Silicon Diffused Power Transistor 1  2  3  4  5  More NXP Semiconductors
BU2508AW Silicon Diffused Power Transistor 1  2  3  4  5  More NXP Semiconductors
BU2520DW Silicon Diffused Power Transistor 1  2  3  4  5  More NXP Semiconductors
BU2525DF Silicon Diffused Power Transistor 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn