Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LO3386-P Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LO3386-P
Description  Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LO3386-P Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LO3386-P Datasheet HTML 1Page - Siemens Semiconductor Group LO3386-P Datasheet HTML 2Page - Siemens Semiconductor Group LO3386-P Datasheet HTML 3Page - Siemens Semiconductor Group LO3386-P Datasheet HTML 4Page - Siemens Semiconductor Group LO3386-P Datasheet HTML 5Page - Siemens Semiconductor Group LO3386-P Datasheet HTML 6Page - Siemens Semiconductor Group LO3386-P Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
1998-09-18
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 3386-LP
LS 3386-M
LS 3386-N
LS 3386-P
LS 3386-MQ
super-red
red diffused
10
...
80
16
...
32
25
...
50
40
80
16
125
Q62703-Q3579
Q62703-Q3581
Q62703-Q3582
Q62703-Q3709
Q62703-Q3580
LA 3386-MQ
LA 3386-N
LA 3386-P
LA 3386-Q
LA 3386-NR
amber
orange diffused
16
125
25
50
40
80
63
125
25
200
Q62703-Q3886
Q62703-Q3887
Q62703-Q3888
Q62703-Q3889
Q62703-Q3890
LO 3386-MQ
LO 3386-N
LO 3386-P
LO 3386-Q
LO 3386-NR
orange
orange diffused
16
125
25
50
40
80
63
125
25
200
Q62703-Q3891
Q62703-Q3892
Q62703-Q3893
Q62703-Q3894
Q62703-Q3895
LY 3386-MQ
LY 3386-N
LY 3386-P
LY 3386-Q
LY 3386-NR
yellow
yellow diffused
16
125
25
50
40
80
63
125
25
200
Q62703-Q3896
Q62703-Q3897
Q62703-Q3898
Q62703-Q3899
Q62703-Q3900
LS 3386, LA 3386, LO 3386, LY 3386


Similar Part No. - LO3386-P

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3308 ICE-LO3308 Datasheet
176Kb / 1P
   Surface Mount Power Inductors
LO3308 ICE-LO3308 Datasheet
449Kb / 1P
   Surface Mount Power Inductors
LO3308-100-RM ICE-LO3308-100-RM Datasheet
176Kb / 1P
   Surface Mount Power Inductors
LO3308-100-RM ICE-LO3308-100-RM Datasheet
449Kb / 1P
   Surface Mount Power Inductors
LO3308-101-RM ICE-LO3308-101-RM Datasheet
176Kb / 1P
   Surface Mount Power Inductors
More results

Similar Description - LO3386-P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH5464 SIEMENS-LH5464 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com