Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTTF0201HCF-0N2 Datasheet(PDF) 1 Page - Central Technologies

Part # CTTF0201HCF-0N2
Description  From 0.1nH to 4.0nH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTF0201HCF-0N2 Datasheet(HTML) 1 Page - Central Technologies

  CTTF0201HCF-0N2 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.11.12
Thin Film Chip Inductors - High Current www.ctparts.com
CTTF0201HCF
Series
From 0.1nH to 4.0nH
SPECIFICATIONS
Please specify tolerance code when ordering.
CTTF0201F-0N1_
B = ±0.1nH, C = ±0.2nH, S = ±0.3nH
L Test
Q Test
DCR
Rated DC
SRF
Part
Inductance
Freq.
Q
Freq.
Max.
Max.
Min.
Number
(nH)
(MHz)
Min.
(MHz)
(
W)
(mA)
(GHz)
CTTF0201HCF-0N1_
0.1
500
10
500
0.05
600
6
CTTF0201HCF-0N2_
0.2
500
10
500
0.05
600
6
CTTF0201HCF-0N3_
0.3
500
10
500
0.05
600
6
CTTF0201HCF-0N4_
0.4
500
10
500
0.05
600
6
CTTF0201HCF-0N5_
0.5
500
10
500
0.10
600
6
CTTF0201HCF-0N6_
0.6
500
10
500
0.10
600
6
CTTF0201HCF-0N7_
0.7
500
10
500
0.10
600
6
CTTF0201HCF-0N8_
0.8
500
10
500
0.10
600
6
CTTF0201HCF-0N9_
0.9
500
10
500
0.10
600
6
CTTF0201HCF-1N0_
1.0
500
10
500
0.15
600
6
CTTF0201HCF-1N1_
1.1
500
10
500
0.15
600
6
CTTF0201HCF-1N2_
1.2
500
10
500
0.15
600
6
CTTF0201HCF-1N3_
1.3
500
10
500
0.20
600
6
CTTF0201HCF-1N4_
1.4
500
10
500
0.20
600
6
CTTF0201HCF-1N5_
1.5
500
10
500
0.25
600
6
CTTF0201HCF-1N6_
1.6
500
10
500
0.25
600
6
CTTF0201HCF-1N7_
1.7
500
10
500
0.30
500
6
CTTF0201HCF-1N8_
1.8
500
10
500
0.30
500
6
CTTF0201HCF-1N9_
1.9
500
10
500
0.30
500
6
CTTF0201HCF-2N0_
2.0
500
10
500
0.30
500
6
CTTF0201HCF-2N1_
2.1
500
10
500
0.30
500
6
CTTF0201HCF-2N2_
2.2
500
10
500
0.35
500
6
CTTF0201HCF-2N3_
2.3
500
10
500
0.35
500
6
CTTF0201HCF-2N4_
2.4
500
10
500
0.35
450
6
CTTF0201HCF-2N5_
2.5
500
10
500
0.35
450
6
CTTF0201HCF-2N6_
2.6
500
10
500
0.35
450
6
CTTF0201HCF-2N7_
2.7
500
10
500
0.35
450
6
CTTF0201HCF-2N8_
2.8
500
10
500
0.50
450
6
CTTF0201HCF-2N9_
2.9
500
10
500
0.50
450
6
CTTF0201HCF-3N0_
3.0
500
10
500
0.50
400
6
CTTF0201HCF-3N1_
3.1
500
10
500
0.50
400
6
CTTF0201HCF-3N2_
3.2
500
10
500
0.50
400
6
CTTF0201HCF-3N3_
3.3
500
10
500
0.50
400
6
CTTF0201HCF-3N4_
3.4
500
10
500
0.80
350
6
CTTF0201HCF-3N5_
3.5
500
10
500
0.80
350
6
CTTF0201HCF-3N6_
3.6
500
10
500
0.80
350
6
CTTF0201HCF-3N7_
3.7
500
10
500
0.80
350
6
CTTF0201HCF-3N8_
3.8
500
10
500
0.80
350
6
CTTF0201HCF-3N9_
3.9
500
10
500
0.80
350
6
CTTF0201HCF-4N0_
4.0
500
10
500
0.80
350
6
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: High current SMD thin film chip inductors.
Applications: Cellular Telephone, pagers, GPS products,
wireless LAN and other communication appliances, VCO, TCXO
circuit and RF Transceiver Module
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±0.1nH, ±0.2nH, ±0.3nH
Testing: Inductance and Q are tested on an HP4285A at
specified frequency.
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
B
C
D
0.60 ± 0.05
0.30 ± 0.05
0.23 ± 0.05
0.15 ± 0.05
0.02 ± 0.002
0.01 ± 0.002
0.009 ± 0.002
0.006 ± 0.002
Size
mm
inches
CONSTRuCTION


Similar Part No. - CTTF0201HCF-0N2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1B CT-CTTF0201F-0N1B Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1C CT-CTTF0201F-0N1C Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N1S CT-CTTF0201F-0N1S Datasheet
562Kb / 1P
   Thin Film Chip Inductors
CTTF0201F-0N2B CT-CTTF0201F-0N2B Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results

Similar Description - CTTF0201HCF-0N2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2523 STMICROELECTRONICS-AN2523 Datasheet
216Kb / 23P
   Migrating from STR91xF to STR91xFA
logo
Pasternack Enterprises,...
PE3CA1030 PASTERNACK-PE3CA1030 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1011 PASTERNACK-PE3CA1011 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
logo
Schneider Electric
HMIYADDVIRGB11 SCHNEIDER-HMIYADDVIRGB11 Datasheet
120Kb / 1P
   Adaptor from DVI to RGB
Aug 11, 2019
logo
Pasternack Enterprises,...
PE3CA1017 PASTERNACK-PE3CA1017 Datasheet
393Kb / 4P
   Operate from DC to 6GHz
PE3CA1012 PASTERNACK-PE3CA1012 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
PE3CA1016 PASTERNACK-PE3CA1016 Datasheet
395Kb / 4P
   Operate from DC to 6GHz
PE3CA1024 PASTERNACK-PE3CA1024 Datasheet
389Kb / 4P
   Operate from DC to 6GHz
PE3CA1026 PASTERNACK-PE3CA1026 Datasheet
386Kb / 4P
   Operate from DC to 6GHz
PE3CA1010 PASTERNACK-PE3CA1010 Datasheet
392Kb / 4P
   Operate from DC to 6GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com