Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8052LVIMP8X Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # AD8052LVIMP8X
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

AD8052LVIMP8X Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  AD8052LVIMP8X Datasheet HTML 1Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 2Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 3Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
©2011 CADEKA Microcircuits LLC
www.cadeka.com
4
Data Sheet
Electrical Characteristics at 2.7V
Vs = +2.7V, G = 2, Rf = 2kΩ, RL = 2kΩ to Vs/2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBW
-3dB Bandwidth(2)
G = +1, VOUT = 0.05Vpp
215
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp
85
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
36
MHz
GBWP
Gain Bandwidth Product
86
MHz
Time Domain Response
tR, tF
Rise and Fall Time(2)
VOUT = 0.2V step
3.7
ns
tS
Settling Time to 0.1%
VOUT = 1V step
40
ns
OS
Overshoot
VOUT = 0.2V step
9
%
SR
Slew Rate
2.7V step, G = -1
130
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion(2)
1Vpp, 5MHz
79
dBc
HD3
3rd Harmonic Distortion(2)
1Vpp, 5MHz
82
dBc
1Vpp, 5MHz
77
dB
en
Input Voltage Noise
> 1MHz
16
nV/√Hz
in
Input Current Noise
> 1MHz
1.3
pA/√Hz
XTALK
Crosstalk(1)
10MHz
65
dB
DC Performance
VIO
Input Offset Voltage
-1.6
mV
dVIO
Average Drift
10
µV/°C
Ib
Input Bias Current
3
µA
dIb
Average Drift
7
nA/°C
IIO
Input Offset Current
0.1
µA
PSRR
Power Supply Rejection Ratio(1)
DC
52
57
dB
AOL
Open-Loop Gain
75
dB
IS
Quiescent Current
Per Amplifier
3.9
mA
Input Characteristics
RIN
Input Resistance
4.3
CIN
Input Capacitance
1.8
pF
CMIR
Common Mode Input Range
-0.3 to 1.5
V
CMRR
Common Mode Rejection Ratio
DC, Vcm = 0V to Vs -1.5
87
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 10kΩ to Vs/2
0.023 to
2.66
V
RL = 2kΩ to Vs/2
0.025 to
2.653
V
RL = 150Ω to Vs/2
0.065 to
2.55
V
IOUT
Output Current
±55
mA
-40°C to +85°C
±50
mA
ISC
Short-Circuit Output Current
±85
mA
Vs
Power Supply Operating Range
2.5
2.7
5.5
V
Notes:
1. 100% tested at 25°C.
2. Rf = 1kΩ was used for optimal performance. (For G = +1, Rf = 0).


Similar Part No. - AD8052LVIMP8X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8052 AD-AD8052 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8052 AD-AD8052 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8052 AD-AD8052 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8052AR AD-AD8052AR Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8052AR AD-AD8052AR Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
More results

Similar Description - AD8052LVIMP8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com