Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8052LVIMP8X Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # AD8052LVIMP8X
Description  Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

AD8052LVIMP8X Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button AD8052LVIMP8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 13Page - Cadeka Microcircuits LLC. AD8052LVIMP8X Datasheet HTML 14Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
©2011 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
Application Information
General Description
The AD8052LV is a single supply, general purpose, volt-
age-feedback amplifier fabricated on a complementary
bipolar process using a patent pending topography. They
feature a rail-to-rail output stage and is unity gain stable.
Both gain bandwidth and slew rate are insensitive to tem-
perature.
The common mode input range extends to 300mV below
ground and to 1.2V below Vs. Exceeding these values
will not cause phase reversal. However, if the input volt-
age exceeds the rails by more than 0.5V, the input ESD
devices will begin to conduct. The output will stay at the
rail during this overdrive condition.
The design uses a Darlington output stage. The output
stage is short circuit protected and offers “soft” saturation
protection that improves recovery time.
Figures 1, 2, and 3 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
Figure 4 shows the typical non-inverting gain circuit for
single supply applicaitons.
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL
Figure 1. Typical Non-Inverting Gain Circuit
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1
Figure 2. Typical Inverting Gain Circuit
+
-
0.1μF
6.8μF
Output
G = 1
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Figure 3. Unity Gain Circuit
+
-
Rf
0.01µF
6.8μF
Out
In
+Vs
+
Rg
Figure 4. Single Supply Non-Inverting Gain Circuit


Similar Part No. - AD8052LVIMP8X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8052 AD-AD8052 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8052 AD-AD8052 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8052 AD-AD8052 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8052AR AD-AD8052AR Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8052AR AD-AD8052AR Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
More results

Similar Description - AD8052LVIMP8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM4200 FAIRCHILD-KM4200 Datasheet
322Kb / 11P
   Dual, Low Cost, 2.7V & 5V, 260MHz Rail-to-Rail Amplifier
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
   70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
logo
Exar Corporation
CLC1010 EXAR-CLC1010 Datasheet
1Mb / 15P
   Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
logo
Fairchild Semiconductor
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
KM4210 FAIRCHILD-KM4210 Datasheet
77Kb / 2P
   Dual, 0.5mA, Low Cost, 2.7V and %V, 75MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com