Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS3404 Datasheet(PDF) 26 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part No. TCS3404
Description  DIGITAL COLOR SENSORS
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Homepage  http://www.taosinc.com
Logo 

TCS3404 Datasheet(HTML) 26 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
26
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
APPLICATION INFORMATION: SOFTWARE
When the INTEG_MODE field value is set to 11b, the device integrates from the rising edge of the first pulse
until the rising or falling edge of a subsequent pulse as specified by the SYNC_EDGE and PARAM field values.
See example timing diagrams below. ADC_EN must be toggled (i.e. from high to low and back to high again)
before the next integration cycle. With this device feature, the SYNC IN input pin can be used to synchronize
the device with an external light source (e.g. LED).
SYNC IN
Integration
Period
INTERRUPT
AB
NOTES: 1. Rising edge of second SYNC IN pulse required to terminate integration cycle
2. ADC_EN must be toggled (i.e. from high to low and back to high again) before next integration cycle
Figure 24. Integrate Over One Pulse (SYNC_EDGE 1b, INTEG_MODE 11b, PARAM 0b) Rising Edge
1.
Enable ADC_EN (= 1)
2.
Set SYNC EDGE to 1
3.
Set PARAM for SYNC PULSE COUNT of 1
4.
Set INTEG_MODE to 11b
5.
Input two external SYNC pulses
6.
Disable SYNC and read channels


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn