Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS3404 Datasheet(PDF) 25 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part No. TCS3404
Description  DIGITAL COLOR SENSORS
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Homepage  http://www.taosinc.com
Logo 

TCS3404 Datasheet(HTML) 25 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
25
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION: SOFTWARE
When the INTEG_MODE field value is set to 10b, an externally-controlled synchronization input (SYNC) is used
to trigger the start of an integration period. The integration period starts on the rising edge of the SYNC pulse,
triggers a single, internally-timed integration cycle, and continues until the Nominal Integration Time, as defined
in the PARAM field, is completed.
SYNC IN
Integration Period
Time duration determined by
PARAM field (nominal
integration time)
INTERRUPT
AB
NOTE: ADC_EN must be toggled (i.e. from high to low and back to high again) before next integration cycle
Figure 23. One-Shot Integration (INTEG_MODE 10b) Falling Edge
1.
Enable ADC_EN (= 1)
2.
Set PARAM for desired integration cycle (12ms, 100ms, or 400ms)
3.
Set INTEG_MODE to 10b
4.
Disable SYNC and clear INTR
5.
Read channel data


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn