Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCS3404 Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part No. TCS3404
Description  DIGITAL COLOR SENSORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TCS3404 Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TCS3404 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3404 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3404 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3404 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3404 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3404 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3404 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3404 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TCS3404 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
10
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
SMBus and I2C Protocols
Each Send and Write protocol is, essentially, a series of bytes. A byte sent to the TCS3404/14 with the most
significant bit (MSB) equal to 1 will be interpreted as a COMMAND byte. The lower four bits of the COMMAND
byte form the register select address (see Table 1), which is used to select the destination for the subsequent
byte(s) received. The TCS3404/14 responds to any Receive Byte requests with the contents of the register
specified by the stored register select address.
The TCS3404/14 implements the following protocols of the SMB 2.0 specification:
D Send Byte Protocol
D Receive Byte Protocol
D Write Byte Protocol
D Write Word Protocol
D Read Word Protocol
D Block Write Protocol
D Block Read Protocol
The TCS3404/14 implements the following protocols of the I2C specification:
D I2C Write Protocol
D I2C Read (Combined Format) Protocol
When an SMBus Block Write or Block Read is initiated (see description of COMMAND Register), the byte
following the COMMAND byte is ignored but is a requirement of the SMBus specification. This field contains
the byte count (i.e. the number of bytes to be transferred). The TCS3404 (SMBus) device ignores this field and
extracts this information by counting the actual number of bytes transferred before the Stop condition is
detected.
When an I2C Write or I2C Read (Combined Format) is initiated, the byte count is also ignored but follows the
SMBus protocol specification. Data bytes continue to be transferred from the TCS3414 (I2C) device to Master
until a NACK is sent by the Master.
The data formats supported by the TCS3404 and TCS3414 devices are:
D Master transmitter transmits to slave receiver (SMBus and I2C):
The transfer direction in this case is not changed.
D Master reads slave immediately after the first byte (SMBus only):
At the moment of the first acknowledgment (provided by the slave receiver) the master transmitter
becomes a master receiver and the slave receiver becomes a slave transmitter.
D Combined format (SMBus and I2C):
During a change of direction within a transfer, the master repeats both a START condition and the slave
address but with the R/W bit reversed. In this case, the master receiver terminates the transfer by
generating a NACK on the last byte of the transfer and a STOP condition.
For
a
complete
description
of
SMBus
protocols,
please
review
the
SMBus
Specification
at
http://www.smbus.org/specs. For a complete description of the I2C protocol, please review the NXP I2C design
specification at http://www.i2c−bus.org/references/.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn