Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114E Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTA114E
Description  DIGITAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA114E Datasheet(HTML) 3 Page - Unisonic Technologies

  DTA114E_11 Datasheet HTML 1Page - Unisonic Technologies DTA114E_11 Datasheet HTML 2Page - Unisonic Technologies DTA114E_11 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTA114E
PNP SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3 of 3
www.unisonic.com.tw
QW-R206-046,E
TYPICAL CHARACTERISTICS
25℃
100℃
-100
-50
-20
-10
-5
-2
-1
-500m
-200m
-100m
-500μ
-2m
-5m
-10m -20m
-50m -100m
-1m
TA= - 40℃
VOUT=-0.3V
-100μ
Input Voltage vs. Output Current
(ON Characteristics)
1k
500
200
100
50
10
5
2
1
20
VOUT=-5V
Output Current, IOUT (A)
DC Current Gain vs. Output Current
Output Current, IOUT (A)
-10m
-5m
-2m
-500μ
-200μ
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-100μ
-1m
VCC=-5V
0
Output Current vs. Input Voltage
(OFF Characteristics)
Input Voltage, VIN(OFF) (V)
-1
-500m
-200m
-100m
-50m
-20m
-10m
-5m
-2m
-1m
lOUT/lIN=20
Output Voltage vs. Output Current
Output Current, IOUT (A)
-2m
-5m
-10m -20m
-50m -100m
-1m
-200μ -500μ
-2m
-5m
-10m -20m -50m -100m
-1m
-100μ
-200μ
-50μ
-10μ
-20μ
-5μ
-2μ
-1μ
25℃
-40℃
TA= 100℃
25℃
-40℃
TA= 100℃
25℃
-40℃
TA= 100℃
-200μ -500μ
-100μ
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that
exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.


Similar Part No. - DTA114E_11

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114E ROHM-DTA114E_11 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors
More results

Similar Description - DTA114E_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
   Digital Transistor
logo
Unisonic Technologies
DTA114E UTC-DTA114E_15 Datasheet
263Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTA013Z ROHM-DTA013Z_16 Datasheet
1Mb / 10P
   Digital Transistor
logo
Galaxy Semi-Conductor H...
DTC144ECA BILIN-DTC144ECA Datasheet
159Kb / 3P
   Digital Transistor
logo
Micro Commercial Compon...
UMC4N MCC-UMC4N Datasheet
463Kb / 3P
   DIGITAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
DTA114EUA BILIN-DTA114EUA Datasheet
110Kb / 4P
   Digital Transistor
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
   Digital Transistor
DTC114EUA BILIN-DTC114EUA Datasheet
172Kb / 4P
   Digital Transistor
DTA143XCA BILIN-DTA143XCA Datasheet
177Kb / 5P
   Digital Transistor
DTA124ECA BILIN-DTA124ECA_08 Datasheet
176Kb / 4P
   Digital Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com