Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UK2996 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UK2996
Description  600V SILICON N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK2996 Datasheet(HTML) 1 Page - Unisonic Technologies

  UK2996 Datasheet HTML 1Page - Unisonic Technologies UK2996 Datasheet HTML 2Page - Unisonic Technologies UK2996 Datasheet HTML 3Page - Unisonic Technologies UK2996 Datasheet HTML 4Page - Unisonic Technologies UK2996 Datasheet HTML 5Page - Unisonic Technologies UK2996 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UK2996
MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-063.C
600V SILICON N-CHANNEL
POWER MOSFET
DESCRIPTION
The UK2996 is an N-channel enhancement mode field-effect power
transistor. Intended for use in high voltage, high speed switching
applications in power supplies, DC-DC converter, relay drive and PWM
motor drive controls.
FEATURES
* Fast Switching Times
* Improved Inductive Ruggedness
* High Forward Transfer Admittance
* Low on Resistance
* Low Leakage Current
* Lower Input Capacitance
SYMBOL
TO-220
1
TO-220F
TO-220F1
1
TO-220F2
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UK2996L-TA3-T
UK2996G-TA3-T
TO-220
G
D
S
Tube
UK2996L-TF1-T
UK2996G-TF1-T
TO-220F1
G
D
S
Tube
UK2996L-TF2-T
UK2996G-TF2-T
TO-220F2
G
D
S
Tube
UK2996L-TF3-T
UK2996G-TF3-T
TO-220F
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UK2996

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK2996 UTC-UK2996 Datasheet
128Kb / 6P
   600V SILICON N-CHANNEL POWER MOSFET
UK2996-TA3-T UTC-UK2996-TA3-T Datasheet
128Kb / 6P
   600V SILICON N-CHANNEL POWER MOSFET
UK2996-TF3-T UTC-UK2996-TF3-T Datasheet
128Kb / 6P
   600V SILICON N-CHANNEL POWER MOSFET
UK2996L-TA3-T UTC-UK2996L-TA3-T Datasheet
128Kb / 6P
   600V SILICON N-CHANNEL POWER MOSFET
UK2996L-TF3-T UTC-UK2996L-TF3-T Datasheet
128Kb / 6P
   600V SILICON N-CHANNEL POWER MOSFET
More results

Similar Description - UK2996

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK2996 UTC-UK2996 Datasheet
128Kb / 6P
   600V SILICON N-CHANNEL POWER MOSFET
logo
Chip Integration Techno...
MHF20N60CT CITC-MHF20N60CT Datasheet
2Mb / 8P
   600V Silicon N-Channel Power MOSFET
MH07N60CT CITC-MH07N60CT Datasheet
1Mb / 8P
   600V Silicon N-Channel Power MOSFET
MHF07N60CT CITC-MHF07N60CT Datasheet
4Mb / 8P
   600V Silicon N-Channel Power MOSFET
MHF10N60CT CITC-MHF10N60CT Datasheet
2Mb / 8P
   600V Silicon N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com