Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UH378L-G04-K Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UH378L-G04-K
Description  COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH378L-G04-K Datasheet(HTML) 6 Page - Unisonic Technologies

  UH378L-G04-K Datasheet HTML 1Page - Unisonic Technologies UH378L-G04-K Datasheet HTML 2Page - Unisonic Technologies UH378L-G04-K Datasheet HTML 3Page - Unisonic Technologies UH378L-G04-K Datasheet HTML 4Page - Unisonic Technologies UH378L-G04-K Datasheet HTML 5Page - Unisonic Technologies UH378L-G04-K Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UH378
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R118-012.A
PERFORMANCE CHARACTERISTICS
75
50
0
12
20
BRP
Supply Voltage (V)
Typical Magnetic Switch Point vs.Supply Voltage
25
-25
524
BOP
BHYS
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.
Ta(℃)
25
50
60
70
80
85
90
95
100
105
110
115
120
PD (mW)
550
525
515
505
485
475
465
455
445
425
405
385
365
Ta=-20℃
Ta=25℃
Ta=-80℃


Similar Part No. - UH378L-G04-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH378G-G04-K UTC-UH378G-G04-K Datasheet
220Kb / 6P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH378 UTC-UH378_15 Datasheet
220Kb / 6P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
More results

Similar Description - UH378L-G04-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH277 UTC-UH277 Datasheet
107Kb / 6P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH276 UTC-UH276_12 Datasheet
211Kb / 5P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH276 UTC-UH276_15 Datasheet
208Kb / 5P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH276 UTC-UH276 Datasheet
104Kb / 5P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH277 UTC-UH277_12 Datasheet
229Kb / 5P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH277 UTC-UH277_15 Datasheet
234Kb / 5P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
UH378 UTC-UH378_15 Datasheet
220Kb / 6P
   COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
logo
Winson Semiconductor Co...
WSH415 WINSON-WSH415_15 Datasheet
276Kb / 4P
   Hall Effect IC with Two complementary Outputs
WSH415 WINSON-WSH415 Datasheet
107Kb / 4P
   Hall Effect IC with Two complementary Outputs
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
   COMPLEMENTARY OUTPUT HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com