Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF630 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF630
Description  200V, 9A N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF630 Datasheet(HTML) 1 Page - Unisonic Technologies

  UF630 Datasheet HTML 1Page - Unisonic Technologies UF630 Datasheet HTML 2Page - Unisonic Technologies UF630 Datasheet HTML 3Page - Unisonic Technologies UF630 Datasheet HTML 4Page - Unisonic Technologies UF630 Datasheet HTML 5Page - Unisonic Technologies UF630 Datasheet HTML 6Page - Unisonic Technologies UF630 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF630
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-049,F
200V, 9A N-CHANNEL
POWER MOSFET
DESCRIPTION
The N-Channel enhancement mode silicon gate power
MOSFET is designed for high voltage, high speed power switching
applications such as switching regulators, switching converters,
solenoid, motor drivers, relay drivers.
FEATURES
* RDS(ON) = 0.4Ω@ VGS = 10 V
* Ultra Low Gate Charge ( typical 19 nC )
* Low Reverse Transfer Capacitance ( CRSS = typical 80 pF )
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability
SYMBOL
1.Gate
3.Source
2.Drain
TO-251
1
TO-220
1
1
TO-220F
1
TO-220F1
1
TO-252
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UF630L-TA3-T
UF630G-TA3-T
TO-220
G
D
S
Tube
UF630L-TF1-T
UF630G-TF1-T
TO-220F1
G
D
S
Tube
UF630L-TF3-T
UF630G-TF3-T
TO-220F
G
D
S
Tube
UF630L-TM3-T
UF630G-TM3-T
TO-251
G
D
S
Tube
UF630L-TN3-R
UF630G-TN3-R
TO-252
G
D
S
Tape Reel
UF630L-TN3-T
UF630G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UF630

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF630 UTC-UF630 Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
UF630-TA3-T UTC-UF630-TA3-T Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
UF630-TF3-T UTC-UF630-TF3-T Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
UF630G-S08-R UTC-UF630G-S08-R Datasheet
430Kb / 8P
   N-CHANNEL POWER MOSFET
UF630G-T2Q-T UTC-UF630G-T2Q-T Datasheet
430Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UF630

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
BRI630 FS-BRI630 Datasheet
600Kb / 4P
   N-Channel Power MOSFET (200V/9A)
logo
Thinki Semiconductor Co...
IRF630PBF THINKISEMI-IRF630PBF Datasheet
1Mb / 6P
   9A,200V Heatsink N-Channel Type Power MOSFET
logo
Jiangsu Donghai Semicon...
630 WXDH-630 Datasheet
1Mb / 11P
   9A 200V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
logo
Unisonic Technologies
UF630 UTC-UF630 Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
   N-Channel Power MOSFETs, 9A, 150V/200V
logo
Intersil Corporation
IRF630 INTERSIL-IRF630 Datasheet
62Kb / 7P
   9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
logo
International Rectifier
JANTX2N6758 IRF-JANTX2N6758 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9A)
logo
STMicroelectronics
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
   N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
logo
Unisonic Technologies
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
   9A, 900V N-CHANNEL POWER MOSFET
9N65 UTC-9N65 Datasheet
177Kb / 5P
   9A, 650V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com