Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3846 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC3846
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3846 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UC3846 Datasheet HTML 2Page - Unisonic Technologies UC3846 Datasheet HTML 3Page - Unisonic Technologies UC3846 Datasheet HTML 4Page - Unisonic Technologies UC3846 Datasheet HTML 5Page - Unisonic Technologies UC3846 Datasheet HTML 6Page - Unisonic Technologies UC3846 Datasheet HTML 7Page - Unisonic Technologies UC3846 Datasheet HTML 8Page - Unisonic Technologies UC3846 Datasheet HTML 9Page - Unisonic Technologies UC3846 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UC3846
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R103-053.B
OPERATION DESCRIPTION(Cont.)
Frequency Hopping For EMI Improvement
The Frequency hopping is implemented in the IC; there are two oscillators built-in the IC. The first oscillator is to
set the normal switching frequency; the switching frequency is modulated with a period signal generated by the 2nd
oscillator. The relation between the first oscillator and the 2nd oscillator as followed FIG.2. So the tone energy is
evenly spread out, the spread spectrum minimizes the conduction band EMI and therefore eases the system design
in meeting stringent EMI requirement.
FIG.2 Frequency Hopping
Built-in Slope Compensation
Built-in slope compensation circuit adds voltage ramp onto the current sense input voltage for PWM generation,
this greatly improves the close loop stability at CCM and prevents the sub-harmonic oscillation and thus reduces the
output ripple voltage.
Leading-Edge Blanking
Each time the power MOSFET is switched on, a turn-on spike will inevitably occur at the sense-resistor. To avoid
premature termination of the switching pulse, a 400ns leading-edge blanking time is built in. Conventional RC
filtering can therefore be omitted. During this blanking period, the current-limit comparator is disabled and it cannot
switch off the gate driver.
Constant Output Power Limit
When the SENSE voltage, across the sense resistor RS, reaches the threshold voltage, around 0.8V, the output
GATE drive will be turned off after a small propagation delay tD. This propagation delay will introduce an additional
current proportional to tD×VIN/Lp. Since the propagation delay is nearly constant regardless of the input line voltage
VIN. Higher input line voltage will result in a larger additional current and hence the output power limit is also higher
than that under low input line voltage. To compensate this variation for wide AC input range, the threshold voltage is
adjusted by the VIN current. Since VIN pin is connected to the rectified input line voltage through a resistor RVIN, a
higher line voltage will generate higher VIN current into the VIN pin. The threshold voltage is decreased if the VIN
current is increased. Smaller threshold voltage, forces the output GATE drive to terminate earlier, thus reduce the
total PWM turn-on time and make the output power equal to that of low line input. This proprietary internal
compensation ensures a constant output power limit for wide AC input voltage from 90VAC to 264VAC.
Under Voltage Lockout (UVLO)
The turn-on and turn-off thresholds of the UTC UC3846 are fixed internally at 14.2V/8.2V. During start-up, the
hold-up capacitor must be charged to 14.2V through the start-up resistor, so that the UTC UC3846 will be enabled.
The hold-up capacitor will continue to supply VDD until power can be delivered from the auxiliary winding of the main
transformer. VDD must not drop below 8.2V during this start-up process. This UVLO hysteresis window ensures that
hold-up capacitor will be adequate to supply VDD during start-up.
Gate Output
The UTC UC3846 output stage is a fast totem pole gate driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance reliability. A good tradeoff is achieved through dead time control.
The low idle loss and good EMI system design is easier to achieve with this dedicated control scheme. An internal
18V clamp is added for MOSFET gate protection at higher than expected VDD input.


Similar Part No. - UC3846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3846 TI-UC3846 Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
logo
Texas Instruments
UC3846 TI-UC3846 Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC3846 TI-UC3846 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC3846 TI1-UC3846 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

Similar Description - UC3846

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3863 UTC-UC3863 Datasheet
366Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3873 UTC-UC3873 Datasheet
375Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UB3846 UTC-UB3846 Datasheet
334Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3837 UTC-UC3837 Datasheet
366Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
E-Tech Electronics LTD
UC3856 ETL-UC3856 Datasheet
257Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com