Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-12443 Datasheet(PDF) 3 Page - Rhombus Industries Inc.

Part # L-12443
Description  Power Line Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-12443 Datasheet(HTML) 3 Page - Rhombus Industries Inc.

  L-12443 Datasheet HTML 1Page - Rhombus Industries Inc. L-12443 Datasheet HTML 2Page - Rhombus Industries Inc. L-12443 Datasheet HTML 3Page - Rhombus Industries Inc. L-12443 Datasheet HTML 4Page - Rhombus Industries Inc. L-12443 Datasheet HTML 5Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
www.rhombus-ind.com
Pre-Tinned Leads
Center hole for mechanical mounting
Coils finished with Polyolefin Shrink Tube
Test Frequency 1 kHz
A
B
C
D
.750"
TYP.
L
DCR
I
Lead
Part
+ 20%
Nom.
Max.
Size
Pkg.
Number
(
µH ) ( mΩ )
( A )
AWG
Code
L-12470
18
5
24.0
14
6
L-12471
30
13
18.0
15
6
L-12472
50
25
15.0
16
6
L-12473
80
33
13.2
17
6
L-12474
120
36
13.0
17
6
L-12475
200
57
10.1
18
6
L-12478
300
85
8.0
19
6
L-12480
450
136
6.1
20
6
L-12481
680
170
6.0
20
6
L-12235
40
13
24.5
14
7
L-12236
60
19
18.0
15
7
L-12237
100
28
16.0
15
7
L-12239
150
38
13.5
16
7
L-12242
250
73
11.0
18
7
L-12243
380
86
8.5
18
7
L-12245
580
120
6.0
20
7
L-12247
880
200
5.4
20
7
L-12490
45
12
25.0
14
8
L-12492
70
18
18.8
15
8
L-12493
120
35
13.9
16
8
L-12495
185
50
12.0
17
8
L-12497
280
78
9.5
18
8
L-12500
450
130
7.5
19
8
L-12503
700
198
4.1
20
8
Power Line
Chokes Drum
Core Style
Applications
Power Amplifiers
Filters Power Supplies
SCR and Triac Controls
Speaker Crossover Networks
RFI Suppression
Pkg.
( Dimensions in inches )
Code
A
B
C
D
6
0.949
0.795
0.187
0.126
7
0.955
0.975
0.187
0.126
8
1.100
0.805
0.237
0.175


Similar Part No. - L-12443

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-12453 RHOMBUS-IND-L-12453 Datasheet
19Kb / 1P
   POWER LINE CHOKE
L-12478 RHOMBUS-IND-L-12478 Datasheet
19Kb / 1P
   POWER LINE CHOKE
More results

Similar Description - L-12443

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com