Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN17823 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # AN17823
Description  BTL 4.0W X 1CH POWER AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

AN17823 Datasheet(HTML) 3 Page - Unisonic Technologies

  AN17823 Datasheet HTML 1Page - Unisonic Technologies AN17823 Datasheet HTML 2Page - Unisonic Technologies AN17823 Datasheet HTML 3Page - Unisonic Technologies AN17823 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AN17823
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R107-063.a
ABSOLUTE MAXIMUM RATING(TA= 25°C, Unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (DC)
VCC
14.4
V
Output Current
Iout
1.0
A
Power Dissipation (TA = 70°C)
PD
1.22
W
Storage Temperature (Note )
TSTG
-55 ~ +150
°C
Operating Temperature (Note )
TOPR
-25 ~ +70
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
3.5 ~ 13.5
V
ELECTRICAL CHARACTERISTICS
(TA= 25°C, VCC=8.0V, frequency=1kHz and RL=8Ω, Unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Circuit Current
ICQ
VIN=0V, Vol=0V
20
60
mA
Standby Current
ISTB
VIN=0V, Vol=0V
1
10
µA
Output Offset Voltage
VOFF
RG=10kΩ, Vol=0V
-250
0
250
mV
Total Harmonic Distortion
THD
PO=0.5W, Vol=1.25V
0.10
0.5
%
Maximum Power Output 1
PO1
THD=10%, Vol=1.25V
2.4
3.0
W
Maximum Power Output 2
PO2
VCC=9V, THD=10%, Vol=1.25V
3.2
4.0
W
Ripple Rejection Ratio (Note )
RR
RG=10kΩ, Vol=0V
VR=0.5Vrms, fr=120Hz
30
50
dB
Output Noise Voltage (Note )
VNO
RG=10kΩ, Vol=0V
0.10
0.4
mVrms
Volume Attenuation Ratio (Note )
Att
PO=0.5W, Vol=0V
70
85
dB
Voltage Gain
GV
PO=0.5W, Vol=1.25V
31
33
35
dB
Middle Voltage Gain
GVM
PO=0.5W, Vol=0.6V
20.5
23.5
26.5
dB
Standby Pin Current
ISTB2
VIN=0V, VSTB=3V
25
µA
Volume Pin Current
IVOL
VIN=0V, VOl=0V
-12
µA
Input Impedance
Zi
VIN=±0.3VDC
24
30
36
kΩ
Note: In measuring, the filter for the range of 15 Hz ~ 30 kHz (12 dB/OCT) is used.


Similar Part No. - AN17823

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AN17823G-H09-B-T UTC-AN17823G-H09-B-T Datasheet
130Kb / 4P
   BTL 4.0W X 1CH POWER AMPLIFIER
AN17823L-H09-B-T UTC-AN17823L-H09-B-T Datasheet
130Kb / 4P
   BTL 4.0W X 1CH POWER AMPLIFIER
AN17823 UTC-AN17823_15 Datasheet
130Kb / 4P
   BTL 4.0W X 1CH POWER AMPLIFIER
More results

Similar Description - AN17823

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AN17823 UTC-AN17823_15 Datasheet
130Kb / 4P
   BTL 4.0W X 1CH POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
TA8201AH TOSHIBA-TA8201AH Datasheet
488Kb / 11P
   18W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233H TOSHIBA-TA8233H Datasheet
598Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8220H TOSHIBA-TA8220H Datasheet
596Kb / 12P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8215H TOSHIBA-TA8215H Datasheet
483Kb / 11P
   18W BTL x 3CH AUDIO POWER AMPLIFIER
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com