Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LRH380 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part No. LRH380
Description  Symbol LED 5 mm T1 3/4 LED, Partly Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LRH380 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  LRH380 Datasheet HTML 1Page - Siemens Semiconductor Group LRH380 Datasheet HTML 2Page - Siemens Semiconductor Group LRH380 Datasheet HTML 3Page - Siemens Semiconductor Group LRH380 Datasheet HTML 4Page - Siemens Semiconductor Group LRH380 Datasheet HTML 5Page - Siemens Semiconductor Group LRH380 Datasheet HTML 6Page - Siemens Semiconductor Group LRH380 Datasheet HTML 7Page - Siemens Semiconductor Group LRH380 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Semiconductor Group
8
LR H380, LS H380, LY H380
LG H380
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung:
Kürzerer Lötspieß
Cathode mark:
Short solder lead
Relative Lichtstärke
I
V/IV(25
°C) = f (TA)
Relative luminous intensity
I
F = 10 mA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LRB480Symbol LED 5 mm x 2.5 mm Partly Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LUB371Symbol MULTILED 2.5 mm x 5 mm Partly Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LUH371Symbol MULTILED 5 mm T1 3/4 Partly Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
TLHF5400High Intensity LED 5 mm Tinted Diffused Package 1 2 3 4 5 Vishay Siliconix
LR53805 mm T1 3/4 LED Diffused Wide-Angle LED 1 2 3 4 5 MoreSiemens Semiconductor Group
CMD50640T-100 T-1 Diffused Lens LED Lamps 1 Chicago Miniature Lamp,inc
TLW.8600clear non diffused LED 1 2 3 4 5 MoreTexas Instruments
192BX35XLED Indicator 14mm Recessed Interior Bezel White Diffused Lenses 1 Chicago Miniature Lamp,inc
TLHK4400High Intensity LED in 3 mm Tinted Diffused Package 1 2 3 4 5 Vishay Siliconix
LR54605 mm T1 3/4 LED Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn