Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRH380 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LRH380
Description  Symbol LED 5 mm T1 3/4 LED, Partly Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LRH380 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LRH380 Datasheet HTML 1Page - Siemens Semiconductor Group LRH380 Datasheet HTML 2Page - Siemens Semiconductor Group LRH380 Datasheet HTML 3Page - Siemens Semiconductor Group LRH380 Datasheet HTML 4Page - Siemens Semiconductor Group LRH380 Datasheet HTML 5Page - Siemens Semiconductor Group LRH380 Datasheet HTML 6Page - Siemens Semiconductor Group LRH380 Datasheet HTML 7Page - Siemens Semiconductor Group LRH380 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor Group
5
LR H380, LS H380, LY H380
LG H380
Relative spektrale Emission
I
rel = f (
λ), T
A = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic


Similar Part No. - LRH380

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LRH1006 LUXPIA-LRH1006 Datasheet
198Kb / 14P
   Specification for Approval
LRH1025 LUXPIA-LRH1025 Datasheet
297Kb / 15P
   Specification for Approval
LRH1030 LUXPIA-LRH1030 Datasheet
634Kb / 16P
   Small size surface mount type
LRH1032 LUXPIA-LRH1032 Datasheet
624Kb / 16P
   Specification for Approval
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results

Similar Description - LRH380

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LUH371 SIEMENS-LUH371 Datasheet
331Kb / 7P
   Symbol MULTILED 5 mm T1 3/4, Partly Diffused
LRB480 SIEMENS-LRB480 Datasheet
429Kb / 7P
   Symbol LED 5 mm x 2.5 mm, Partly Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LUB371 SIEMENS-LUB371 Datasheet
335Kb / 7P
   Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com