Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LRB480 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. LRB480
Description  Symbol LED 5 mm x 2.5 mm, Partly Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LRB480 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LRB480 Datasheet HTML 1Page - Siemens Semiconductor Group LRB480 Datasheet HTML 2Page - Siemens Semiconductor Group LRB480 Datasheet HTML 3Page - Siemens Semiconductor Group LRB480 Datasheet HTML 4Page - Siemens Semiconductor Group LRB480 Datasheet HTML 5Page - Siemens Semiconductor Group LRB480 Datasheet HTML 6Page - Siemens Semiconductor Group LRB480 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LR
LS, LY, LG
Betriebstemperatur
Operating temperature range
T
op
–55…+100
˚C
Lagertemperatur
Storage temperature range
T
stg
–55…+100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
45
40
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Sperrspannung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
T
A ≤ 25 ˚C
P
tot
100
140
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Luft
Junction / air
R
th JA
400
K/W
LR B480, LS B480, LY B480
LG B480


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn