Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LRB480 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. LRB480
Description  Symbol LED 5 mm x 2.5 mm, Partly Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LRB480 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LRB480 Datasheet HTML 1Page - Siemens Semiconductor Group LRB480 Datasheet HTML 2Page - Siemens Semiconductor Group LRB480 Datasheet HTML 3Page - Siemens Semiconductor Group LRB480 Datasheet HTML 4Page - Siemens Semiconductor Group LRB480 Datasheet HTML 5Page - Siemens Semiconductor Group LRB480 Datasheet HTML 6Page - Siemens Semiconductor Group LRB480 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tP)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 ˚C
LS, LY, LG
LR B480, LS B480, LY B480
LG B480
Relative Lichtstärke
I
V/IV(10 mA) = f (IF)
Relative luminous intensity
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tP)
Permissible pulse handling capability
Duty cycle
D = parameter, T
A = 25 ˚C
LR


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn