Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LR5480 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. LR5480
Description  5 mm T1 3/4 LED, Diffused Wide-Angle LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LR5480 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  LR5480 Datasheet HTML 1Page - Siemens Semiconductor Group LR5480 Datasheet HTML 2Page - Siemens Semiconductor Group LR5480 Datasheet HTML 3Page - Siemens Semiconductor Group LR5480 Datasheet HTML 4Page - Siemens Semiconductor Group LR5480 Datasheet HTML 5Page - Siemens Semiconductor Group LR5480 Datasheet HTML 6Page - Siemens Semiconductor Group LR5480 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Maximal zulässiger Durchlaßstrom
Max. permissible forward current
I
F = f (TA)
Dominantwellenlänge
λ
dom = f (TA)
Dominant wavelength
I
F = 20 mA
LR 5480, LS 5480, LY 5480
LG 5480
Wellenlänge der Strahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 20 mA
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 10 mA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LR5380 5 mm T1 3/4 LED Diffused Wide-Angle LED 1  2  3  4  5  More Siemens Semiconductor Group
LS3380 3 mm T1 3/4 LED Diffused Wide-Angle LED 1  2  3  4  5  More Siemens Semiconductor Group
LS3386 Hyper 3 mm T1 LED Diffused Hyper-Bright Wide-Angle LED 1  2  3  4  5  More Siemens Semiconductor Group
TLHF5400 High Intensity LED 5 mm Tinted Diffused Package 1  2  3  4  5  Vishay Siliconix
CMD50640 T-100 T-1 Diffused Lens LED Lamps 1  Chicago Miniature Lamp,inc
TLW.8600 clear non diffused LED 1  2  3  4  5  More Texas Instruments
192BX35X LED Indicator 14mm Recessed Interior Bezel White Diffused Lenses 1  Chicago Miniature Lamp,inc
TLHK4400 High Intensity LED in 3 mm Tinted Diffused Package 1  2  3  4  5  Vishay Siliconix
LR5460 5 mm T1 3/4 LED Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LC461MBL4-95G Blue 95 4mm LED lamp with tinted diffused lens and stand offs. 1  2  3  Marktech Corporate

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn