Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS3360-K Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # LS3360-K
Description  3 mm (T1) LED, Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3360-K Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  LS3360-K Datasheet HTML 1Page - Siemens Semiconductor Group LS3360-K Datasheet HTML 2Page - Siemens Semiconductor Group LS3360-K Datasheet HTML 3Page - Siemens Semiconductor Group LS3360-K Datasheet HTML 4Page - Siemens Semiconductor Group LS3360-K Datasheet HTML 5Page - Siemens Semiconductor Group LS3360-K Datasheet HTML 6Page - Siemens Semiconductor Group LS3360-K Datasheet HTML 7Page - Siemens Semiconductor Group LS3360-K Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
1998-07-13
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS, LO, LY, LG LR
LP
Betriebstemperatur
Operating temperature range
T
op
–55…+ 100
°C
Lagertemperatur
Storage temperature range
T
stg
–55…+ 100
°C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
°C
Durchlaßstrom
Forward current
I
F
40
45
30
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Sperrspannung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
T
A ≤ 25 °C
P
tot
140
100
100
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Luft
Junction / air
R
th JA
400
K/W
LR 3360, LS 3360, LO 3360
LY 3360, LG 3360, LP 3360


Similar Part No. - LS3360-K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3360 SIEMENS-LS3360 Datasheet
91Kb / 1P
   T1(3mm) LED LAMP
logo
saftbatteries
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy
LS33600 SAFT-LS33600 Datasheet
385Kb / 2P
   Primary Li-SOCl2 cell High energy density 3.6 V D-size bobbin cell
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600LM SAFT-LS33600LM Datasheet
56Kb / 2P
   3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
More results

Similar Description - LS3360-K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LS3380 SIEMENS-LS3380 Datasheet
153Kb / 7P
   3 mm T1 3/4 LED, Diffused Wide-Angle LED
LS3369 SIEMENS-LS3369 Datasheet
126Kb / 7P
   LC 3 mm T1 LED, Diffused Low Current LED
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com