Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LR5460 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. LR5460
Description  5 mm (T1 3/4) LED, Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LR5460 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LR5460 Datasheet HTML 1Page - Siemens Semiconductor Group LR5460 Datasheet HTML 2Page - Siemens Semiconductor Group LR5460 Datasheet HTML 3Page - Siemens Semiconductor Group LR5460 Datasheet HTML 4Page - Siemens Semiconductor Group LR5460 Datasheet HTML 5Page - Siemens Semiconductor Group LR5460 Datasheet HTML 6Page - Siemens Semiconductor Group LR5460 Datasheet HTML 7Page - Siemens Semiconductor Group LR5460 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LR 5460, LS 5460, LY 5460
LG 5460
Semiconductor Group
2
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LR 5460-DG
LR 5460-F
LR 5460-G
LR 5460-FJ
red
red diffused
0.4 … 3.2
1.0 … 2.0
1.6 … 3.2
1.0 … 8.0
Q62703-Q1392
Q62703-Q1393
Q62703-Q1394
Q62703-Q1395
LS 5460-HL
LS 5460-J
LS 5460-K
LS 5460-L
LS 5460-JM
super-red
red diffused
2.5 … 20.0
4.0 … 8.0
6.3 … 12.5
10.0 … 20.0
4.0 … 32.0
Q62703-Q1396
Q62703-Q1746
Q62703-Q1397
Q62703-Q1398
Q62703-Q3225
LY 5460-HL
LY 5460-J
LY 5460-K
LY 5460-L
LY 5460-JM
yellow
yellow diffused
2.5 … 20.0
4.0 … 8.0
6.3 … 12.5
10.0 … 20.0
4.0 … 32.0
Q62703-Q1400
Q62703-Q1401
Q62703-Q1402
Q62703-Q2403
Q62703-Q1403
LG 5460-GK
LG 5460-H
LG 5460-J
LG 5460-K
LG 5460-HL
green
green diffused
1.6 … 12.5
2.5 … 5.0
4.0 … 8.0
6.3 … 12.5
2.5 … 20.0
Q62703-Q1407
Q62703-Q1406
Q62703-Q1867
Q62703-Q2014
Q62703-Q3190


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn