Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7960ARHBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7960ARHBT
Description  MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF7960ARHBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRF7960ARHBT Datasheet HTML 6Page - Texas Instruments TRF7960ARHBT Datasheet HTML 7Page - Texas Instruments TRF7960ARHBT Datasheet HTML 8Page - Texas Instruments TRF7960ARHBT Datasheet HTML 9Page - Texas Instruments TRF7960ARHBT Datasheet HTML 10Page - Texas Instruments TRF7960ARHBT Datasheet HTML 11Page - Texas Instruments TRF7960ARHBT Datasheet HTML 12Page - Texas Instruments TRF7960ARHBT Datasheet HTML 13Page - Texas Instruments TRF7960ARHBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
TRF7960A
SLOS732
– JUNE 2011
www.ti.com
4
Application Schematic and Layout Considerations
4.1
TRF7960A Reader System Using Parallel Microcontroller Interface
4.1.1
General Application Considerations
Figure 4-1 shows the most flexible TRF7960A application. Both ISO15693 and ISO14443 systems can be
addressed. Due to the low clock frequency on the DATA_CLK line, the parallel interface is the most robust
way to connect the TRF7960A with the MCU.
This schematic shows matching to a 50-
Ω port, which allows connection to a properly matched 50-Ω
antenna circuit or RF measurement equipment (for example, a spectrum analyzer or power meter).
4.1.2
Schematic
Figure 4-1 shows a sample application schematic with a parallel interface to the MCU.
Figure 4-1. Application Schematic, Parallel MCU Interface
The MSP430F2370 (32kB flash, 2kB RAM) is shown in Figure 4-1. Minimum MCU requirements depend
on application requirements and coding style. If only one ISO protocol and/or a limited command set of a
protocol must be supported, MCU flash and RAM requirements can be significantly reduced. Note that
recursive inventory and anti-collision commands require more RAM than single slotted operations. For
example, current reference firmware for ISO15693 (with host interface) is approximately 8kB, using 512B
RAM and for all supported protocols (also with same host interface) the reference firmware is
approximately 12kB, using a minimum of 1kB RAM. An MCU that is capable of running a GPIO at
13.56 MHz is required for Direct Mode 0 operations with non-standard transponders.
10
Application Schematic and Layout Considerations
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TRF7960A


Similar Part No. - TRF7960ARHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960A TI1-TRF7960A Datasheet
806Kb / 7P
[Old version datasheet]   HF-RFID Reader Layout Design Guide
More results

Similar Description - TRF7960ARHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7963ARHBR TI-TRF7963ARHBR Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com