Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7960 Datasheet(PDF) 11 Page - Texas Instruments

Part # TRF7960
Description  MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF7960 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF7960_12 Datasheet HTML 7Page - Texas Instruments TRF7960_12 Datasheet HTML 8Page - Texas Instruments TRF7960_12 Datasheet HTML 9Page - Texas Instruments TRF7960_12 Datasheet HTML 10Page - Texas Instruments TRF7960_12 Datasheet HTML 11Page - Texas Instruments TRF7960_12 Datasheet HTML 12Page - Texas Instruments TRF7960_12 Datasheet HTML 13Page - Texas Instruments TRF7960_12 Datasheet HTML 14Page - Texas Instruments TRF7960_12 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
TRF7960
TRF7961
www.ti.com
SLOU186F
– AUGUST 2006 – REVISED AUGUST 2010
5
System Description
5.1
Power Supplies
The positive supply pin, VIN (pin 2) has an input voltage range of 2.7 V to 5.5 V. The positive supply input
sources three internal regulators with output voltages VDD_RF, VDD_A and VDD_X that use external bypass
capacitors for supply noise filtering. These regulators provide enhanced PSRR for the RFID reader
system.
The regulators are not independent and have common control bits for output voltage setting. The
regulators can be configured to operate in either automatic or manual mode. The automatic regulator
mode setting ensures an optimal compromise between regulator PSRR and highest possible supply
voltage for RF output power. Whereas, the manual mode allows the user to manually configure the
regulator settings.
VDD_RF
The regulator VDD_RF (pin 3) is used to source the RF output stage. The voltage regulator can
be set for either 5-V or 3-V operation. When configured for the 5-V operation, the output
voltage can be set from 4.3 V to 5 V in 100-mV steps. The current sourcing capability for 5-V
operation is 150 mA maximum over the adjusted output voltage range.
When configured for 3-V operation, the output can be set from 2.7 V to 3.4 V, also in 100-mV
steps. The current sourcing capability for 3-V operation is 100 mA maximum over the adjusted
output voltage range.
VDD_A
Regulator VDD_A (pin 1) supplies voltage to analog circuits within the reader chip. The voltage
setting is divided in two ranges. When configured for 5-V operation, the output voltage is fixed
at 3.5 V.
When configured for 3-V operation, the output can be set from 2.7 V to 3.4 V in 100-mV steps.
Note that when configured, both VDD_A and VDD_X regulators are configured together
(their settings are not independent).
VDD_X
Regulator VDD_X (pin 32) can be used to source the digital I/O of the reader chip together with
other external system components. When configured for 5-V operation, the output voltage is
fixed at 3.4 V.
When configured for 3-V operation, the output voltage can be set from 2.7 to 3.4 V in 100-mV
steps. The total current sourcing capability of the VDD_X regulator is 20 mA maximum over the
adjusted output range. Note that when configured, both VDD_A and VDD_X regulators are
configured together (their settings are not independent).
VDD_PA
The VDD_PA pin (pin 4) is the positive supply pin for the RF output stage and is externally
connected to the regulator output VDD_RF (pin 3).
5.1.1
Negative Supply Connections
The negative supply connections are all externally connected together (to GND). The substrate connection
is VSS (pin 10), the analog negative supply is VSS_A (pin 15), the logic negative supply is VSS_D (pin 29),
the RF output stage negative supply is VSS_TX (pin 6), and the negative supply for the RF receiver input is
VSS_RX (pin 7).
5.1.2
Digital I/O Interface
To allow compatible I/O signal levels, the TRF7960/61 has a separate supply input VDD_I/O (pin 16), with
an input voltage range of 1.8 V to 5.5 V. This pin is used to supply the I/O interface pins (I/O_0 to I/O_7),
IRQ, SYS_CLK, and DATA_CLK pins of the reader. In typical applications, VDD_I/O is connected directly to
VDD_X to ensure that the I/O signal levels of the MCU are the same as the internal logic levels of the
reader.
Copyright
© 2006–2010, Texas Instruments Incorporated
System Description
11
Submit Documentation Feedback
focus.ti.com: TRF7960 TRF7961


Similar Part No. - TRF7960_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960 TI1-TRF7960_17 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
More results

Similar Description - TRF7960_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960 TI1-TRF7960_17 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
TRF7960 TI-TRF7960 Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_07 Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com