Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LR5380 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. LR5380
Description  5 mm T1 3/4 LED, Diffused Wide-Angle LED
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LR5380 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LR5380 Datasheet HTML 1Page - Siemens Semiconductor Group LR5380 Datasheet HTML 2Page - Siemens Semiconductor Group LR5380 Datasheet HTML 3Page - Siemens Semiconductor Group LR5380 Datasheet HTML 4Page - Siemens Semiconductor Group LR5380 Datasheet HTML 5Page - Siemens Semiconductor Group LR5380 Datasheet HTML 6Page - Siemens Semiconductor Group LR5380 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
5 mm (T1 3/
4) LED, Diffused
Wide-Angle LED
LS 5380, LY 5380, LG 5380
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ? 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ? 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LS 5380-FJ
LS 5380-G
LS 5380-H
LS 5380-J
LS 5380-HL
super-red
red diffused
1.0 ? 8.0
1.6 ? 3.2
2.5 ? 5.0
4.0 ? 8.0
2.5 ? 20.0
Q62703-Q1452
Q62703-Q1740
Q62703-Q1453
Q62703-Q1454
Q62703-Q1455
LY 5380-GK
LY 5380-H
LY 5380-J
LY 5380-K
LY 5380-HL
yellow
yellow diffused
1.6 ? 12.5
2.5 ? 5.0
4.0 ? 8.0
6.3 ? 12.5
2.5 ? 20.0
Q62703-Q2002
Q62703-Q1457
Q62703-Q2319
Q62703-Q3909
Q62703-Q2003
LG 5380-GK
LG 5380-H
LG 5380-J
LG 5380-K
LG 5380-HL
green
green diffused
1.6 ? 12.5
2.5 ? 5.0
4.0 ? 8.0
6.3 ? 12.5
2.5 ? 20.0
Q62703-Q1463
Q62703-Q2032
Q62703-Q2016
Q62703-Q3189
Q62703-Q3825
Besondere Merkmale
q
eingefärbtes, diffuses ?Low Profile?-Gehäuse
q
als optischer Indikator einsetzbar
q
Lötspieße ohne Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
Features
q
colored, diffused ?Low Profile?-package
q
for use as optical indicator
q
solder leads without stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn