Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2550 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550 Datasheet(HTML) 1 Page - Texas Instruments

  CC2550 Datasheet HTML 1Page - Texas Instruments CC2550 Datasheet HTML 2Page - Texas Instruments CC2550 Datasheet HTML 3Page - Texas Instruments CC2550 Datasheet HTML 4Page - Texas Instruments CC2550 Datasheet HTML 5Page - Texas Instruments CC2550 Datasheet HTML 6Page - Texas Instruments CC2550 Datasheet HTML 7Page - Texas Instruments CC2550 Datasheet HTML 8Page - Texas Instruments CC2550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
CC2550
SWRS039B
Page 1 of 58
CC2550
Low-Cost Low-Power 2.4 GHz RF Transmitter
Applications
• 2400-2483.5 MHz ISM/SRD band systems
• Consumer electronics
• Wireless game controllers
• Wireless audio
• RF enabled remote controls
Product Description
The
CC2550 is a low-cost 2.4 GHz transmitter
designed for very low-power wireless appli-
cations. The circuit is intended for the 2400-
2483.5 MHz ISM (Industrial, Scientific and
Medical) and SRD (Short Range Device) freq-
uency band.
The RF transmitter is integrated with a highly
configurable
baseband
modulator.
The
modulator
supports
various
modulation
formats and has a configurable data rate up to
500 kBaud.
The
CC2550 provides extensive hardware
support for packet handling, data buffering and
burst transmissions.
The main operating parameters and the 64-
byte transmit FIFO of
CC2550 can be controlled
via an SPI interface. In a typical system, the
CC2550 will be used together with a micro-
controller and a few passive components.
Key Features
RF Performance
Programmable output power up to +1 dBm
Programmable data rate from 1.2 to 500
kBaud
Frequency range: 2400 – 2483.5 MHz
Analog Features
OOK, 2-FSK, GFSK, and MSK supported
Suitable for frequency hopping and multi-
channel systems due to a fast settling
frequency synthesizer with 90 us settling
time
Integrated analog temperature sensor
Digital Features
Flexible support
for packet oriented
systems: On-chip support for sync word
insertion, flexible packet length, and
automatic CRC handling
Efficient SPI interface: All registers can be
programmed with one “burst” transfer
Optional automatic whitening of data
Low-Power Features
200 nA SLEEP mode current consumption
Fast startup time: 240 us from SLEEP to
TX mode (measured on EM design [3])
64-byte TX data FIFO (enables burst
mode data transmission)
General
Few external components: Complete on-
chip frequency synthesizer, no external
filters needed
Green package: RoHS compliant and no
antimony or bromine
Small size (QLP 4x4 mm package, 16
pins)
Suited for systems compliant with EN 300
328 and EN 300 440 class 2 (Europe),
FCC CFR47 Part 15 (US), and ARIB STD-
T66 (Japan)
Support
for
asynchronous
and
synchronous serial transmit mode for
backwards compatibility with existing radio
communication protocols


Similar Part No. - CC2550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC2550 TI1-CC2550 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550-RTR1 TI-CC2550-RTR1 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC2550-RTY1 TI-CC2550-RTY1 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
More results

Similar Description - CC2550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com