Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2420EMK Datasheet(PDF) 5 Page - Texas Instruments

Part # CC2420EMK
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420EMK Datasheet(HTML) 5 Page - Texas Instruments

  CC2420EMK Datasheet HTML 1Page - Texas Instruments CC2420EMK Datasheet HTML 2Page - Texas Instruments CC2420EMK Datasheet HTML 3Page - Texas Instruments CC2420EMK Datasheet HTML 4Page - Texas Instruments CC2420EMK Datasheet HTML 5Page - Texas Instruments CC2420EMK Datasheet HTML 6Page - Texas Instruments CC2420EMK Datasheet HTML 7Page - Texas Instruments CC2420EMK Datasheet HTML 8Page - Texas Instruments CC2420EMK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
CC2420
SWRS041B
Page 5 of 89
1
Abbreviations
ADC
-
Analog to Digital Converter
AES
-
Advanced Encryption Standard
AGC
-
Automatic Gain Control
ARIB
-
Association of Radio Industries and Businesses
BER
-
Bit Error Rate
CBC-MAC
-
Cipher Block Chaining Message Authentication Code
CCA
-
Clear Channel Assessment
CCM
-
Counter mode + CBC-MAC
CFR
-
Code of Federal Regulations
CSMA-CA
-
Carrier Sense Multiple Access with Collision Avoidance
CTR
-
Counter mode (encryption)
CW
-
Continuous Wave
DAC
-
Digital to Analog Converter
DSSS
-
Direct Sequence Spread Spectrum
ESD
-
Electro Static Discharge
ESR
-
Equivalent Series Resistance
EVM
-
Error Vector Magnitude
FCC
-
Federal Communications Commission
FCF
-
Frame Control Field
FIFO
-
First In First Out
FFCTRL
-
FIFO and Frame Control
HSSD
-
High Speed Serial Debug
IEEE
-
Institute of Electrical and Electronics Engineers
IF
-
Intermediate Frequency
ISM
-
Industrial, Scientific and Medical
ITU-T
-
International Telecommunication Union – Telecommunication
Standardization Sector
I/O
-
Input / Output
I/Q
-
In-phase / Quadrature-phase
kbps
-
kilo bits per second
LNA
-
Low-Noise Amplifier
LO
-
Local Oscillator
LQI
-
Link Quality Indication
LSB
-
Least Significant Bit / Byte
MAC
-
Medium Access Control
MFR
-
MAC Footer
MHR
-
MAC Header
MIC
-
Message Integrity Code
MPDU
-
MAC Protocol Data Unit
MSDU
-
MAC Service Data Unit
NA
-
Not Available
NC
-
Not Connected
O-QPSK
-
Offset - Quadrature Phase Shift Keying
PA
-
Power Amplifier
PCB
-
Printed Circuit Board
PER
-
Packet Error Rate
PHY
-
Physical Layer
PHR
-
PHY Header
PLL
-
Phase Locked Loop
PSDU
-
PHY Service Data Unit
QLP
-
Quad Leadless Package
RAM
-
Random Access Memory
RBW
-
Resolution BandWidth
RF
-
Radio Frequency
RSSI
-
Receive Signal Strength Indicator
RX
-
Receive


Similar Part No. - CC2420EMK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420/TR ETC1-CC2420/TR Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420DBK ETC1-CC2420DBK Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420DK ETC1-CC2420DK Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Texas Instruments
CC2420RGZR TI1-CC2420RGZR Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
More results

Similar Description - CC2420EMK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com