Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2420-RTB1 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2420-RTB1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTB1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2420-RTB1 Datasheet HTML 4Page - Texas Instruments CC2420-RTB1 Datasheet HTML 5Page - Texas Instruments CC2420-RTB1 Datasheet HTML 6Page - Texas Instruments CC2420-RTB1 Datasheet HTML 7Page - Texas Instruments CC2420-RTB1 Datasheet HTML 8Page - Texas Instruments CC2420-RTB1 Datasheet HTML 9Page - Texas Instruments CC2420-RTB1 Datasheet HTML 10Page - Texas Instruments CC2420-RTB1 Datasheet HTML 11Page - Texas Instruments CC2420-RTB1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
CC2420
SWRS041B
Page 8 of 89
4
Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Condition
Supply voltage for on-chip voltage regulator,
VREG_IN
pin 43.
-0.3
3.6
V
Supply voltage (VDDIO) for digital I/Os, DVDD3.3,
pin 25.
-0.3
3.6
V
Supply voltage (VDD) on AVDD_VCO, DVDD1.8,
etc (pin no 1, 2, 3, 4, 10, 14, 15, 17, 18, 20, 26, 35,
37, 44 and 48)
−0.3
2.0
V
Voltage on any digital I/O pin, (pin no. 21, 27-34
and 41)
-0.3
VDDIO+0.3, max 3.6
V
Voltage on any other pin, (pin no. 6, 7, 8, 11, 12,
13, 16, 36, 38, 39, 40, 45, 46 and 47)
-0.3
VDD+0.3, max 2.0
V
Input RF level
10
dBm
Storage temperature range
−50
150
°C
Reflow solder temperature
260
°C
T = 10 s
The absolute maximum ratings given
above should under no circumstances be
violated. Stress exceeding one or more of
the limiting values may cause permanent
damage to the device.
Caution!
ESD
sensitive
device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
5
Operating Conditions
Parameter
Min.
Typ.
Max.
Units
Condition
Supply voltage for on-chip voltage regulator,
VREG_IN
pin 43.
2.1
3.6
V
Supply voltage (VDDIO) for digital I/Os, DVDD3.3,
pin 25 .
1.6
3.6
V
The digital I/O voltage (DVDD3.3 pin)
must match the external interfacing
circuit (e.g. microcontroller).
Supply voltage (VDD) on AVDD_VCO, DVDD1.8,
etc (pin no 1, 2, 3, 4, 10, 14, 15, 17, 18, 20, 26, 35,
37, 44 and 48)
1.6
1.8
2.0
V
The typical application uses regulated
1.8 V supply generated by the on-chip
voltage regulator.
Operating ambient temperature range, TA
−40
85
°C


Similar Part No. - CC2420-RTB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420/TR ETC1-CC2420/TR Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420DBK ETC1-CC2420DBK Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420DK ETC1-CC2420DK Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Texas Instruments
CC2420RGZR TI1-CC2420RGZR Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
More results

Similar Description - CC2420-RTB1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com